Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-19104N14H-M5T1U Datasheet(PDF) 18 Page - Seiko Instruments Inc

No. de pieza S-19104N14H-M5T1U
Descripción Electrónicos  VOLTAGE DETECTOR WITH SENSE PIN
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19104N14H-M5T1U Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-19104N14H-M5T1U Datasheet HTML 14Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 15Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 16Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 17Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 18Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 19Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 20Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 21Page - Seiko Instruments Inc S-19104N14H-M5T1U Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
FOR AUTOMOTIVE 105°C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-19104/19106 Series
Rev.1.2_00
18
2. SENSE pin
2. 1 Error when detection voltage is set externally
By connecting a node that was resistance-divided by the resistor (RA) and the resistor (RB) to the SENSE pin as
seen in Figure 24, the detection voltage can be set externally.
For conventional products without the SENSE pin, RA cannot be too large since the resistance-divided node must
be connected to the VDD pin. This is because a feed-through current will flow through the VDD pin when it goes
from detection to release, and if RA is large, problems such as oscillation or larger error in the hysteresis width may
occur.
In the S-19104/19106 Series, RA and RB are easily made larger since the resistance-divided node can be
connected to the SENSE pin through which no feed-through current flows. However, be careful of error in the
current flowing through the internal resistance (RSENSE) that will occur.
Although RSENSE in the S-19104/19106 Series is large (4 M
Ω min.) to make the error small, RA and RB should be
selected such that the error is within the allowable limits.
2. 2 Selection of RA and RB
In Figure 24, the relation between the external setting detection voltage (VDX) and the actual detection voltage
(
−VDET) is ideally calculated by the equation below.
VDX =
−VDET ×
()
1
+
RA
RB
··· (1)
However, in reality there is an error in the current flowing through RSENSE.
When considering this error, the relation between VDX and
−VDET is calculated as follows.
VDX =
−VDET ×
()
1
+
RA
RB || RSENSE
=
−VDET ×
1
+
RA
RB
× RSENSE
RB
+ RSENSE
=
−VDET ×
()
1
+
RA
RB
+
RA
RSENSE × −VDET
··· (2)
By using equations (1) and (2), the error is calculated as
−VDET ×
RA
RSENSE .
The error rate is calculated as follows by dividing the error by the right-hand side of equation (1).
RA
× RB
RSENSE
× (RA + RB) ×
100 [%] =
RA || RB
RSENSE × 100 [%]
··· (3)
As seen in equation (3), the smaller the resistance values of RA and RB compared to RSENSE, the smaller the error
rate becomes.
Also, the relation between the external setting hysteresis width (VHX) and the hysteresis width (VHYS) is calculated
by equation below. Error due to RSENSE also occurs to the relation in a similar way to the detection voltage.
VHX = VHYS
×
()
1
+
RA
RB
··· (4)
VSS
OUT
VDD
SENSE
RA
RB
VDX
−VDET
CD
RSENSE
Figure 24 Detection Voltage External Setting Circuit
Caution
If RA and RB are large, the SENSE pin input impedance becomes higher and may cause a
malfunction due to noise. In this case, connect a capacitor between the SENSE pin and the VSS
pin.


Número de pieza similar - S-19104N14H-M5T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Descripción similar - S-19104N14H-M5T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
ABLIC Inc.
S-1002 ABLIC-S-1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
logo
Seiko Instruments Inc
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19102N10H-M5T1U SII-S-19102N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S1002 SII-S1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19103 SII-S19103 Datasheet
1Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com