Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-19104N18H-M5T1U Datasheet(PDF) 26 Page - Seiko Instruments Inc

No. de pieza S-19104N18H-M5T1U
Descripción Electrónicos  VOLTAGE DETECTOR WITH SENSE PIN
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19104N18H-M5T1U Datasheet(HTML) 26 Page - Seiko Instruments Inc

Back Button S-19104N18H-M5T1U Datasheet HTML 22Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 23Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 24Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 25Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 26Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 27Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 28Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 29Page - Seiko Instruments Inc S-19104N18H-M5T1U Datasheet HTML 30Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
FOR AUTOMOTIVE 105°C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-19104/19106 Series
Rev.1.2_00
26
6. Current consumption (ISS) vs. SENSE pin input voltage (VSENSE)
S-19104C10
VDD =
−VDET(S) + 1.0 V, VSENSE = 0.0 V → 10.0 V
0.0
2.0
4.0
6.0
8.0
10.0
VSENSE [V]
1.00
0.80
0.60
0.40
0.20
0.00
Ta =
105C
Ta =
25C
Ta =
40C
S-19104C24
VDD =
−VDET(S) + 1.0 V, VSENSE = 0.0 V → 10.0 V
0.0
2.0
4.0
6.0
8.0
10.0
VSENSE [V]
1.00
0.80
0.60
0.40
0.20
0.00
Ta =
105C
Ta =
25C
Ta =
40C
S-19104C50
VDD =
−VDET(S) + 1.0 V, VSENSE = 0.0 V → 10.0 V
0.0
2.0
4.0
6.0
8.0
10.0
VSENSE [V]
1.00
0.80
0.60
0.40
0.20
0.00
Ta =
105C
Ta =
25C
Ta =
40C
7. Current consumption (ISS) vs. Temperature (Ta)
S-19104C10
VDD =
−VDET(S) + 1.0 V,
VSENSE =
−VDET(S) + 1.0 V (during release)
25
0
75
105
25
50
40
0.00
0.40
Ta [
C]
0.30
0.20
0.10
S-19104C24
VDD =
−VDET(S) + 1.0 V,
VSENSE =
−VDET(S) + 1.0 V (during release)
25
0
75
105
25
50
40
0.00
0.40
Ta [
C]
0.30
0.20
0.10
S-19104C50
VDD =
−VDET(S) + 1.0 V,
VSENSE =
−VDET(S) + 1.0 V (during release)
25
0
75
105
25
50
40
0.00
0.40
Ta [
C]
0.30
0.20
0.10


Número de pieza similar - S-19104N18H-M5T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Descripción similar - S-19104N18H-M5T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
ABLIC Inc.
S-1002 ABLIC-S-1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
logo
Seiko Instruments Inc
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19102N10H-M5T1U SII-S-19102N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S1002 SII-S1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19103 SII-S19103 Datasheet
1Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com