Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744760256A Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744760256A
Descripción Electrónicos  WE-RFI Ferrite SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744760256A Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744760256A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3.0
2.0
REV
2014-04-10
2007-01-17
DATE
SSt
SKle
BY
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-RFI Ferrite SMD Inductor
Order.- No.
744760256A
SIZE
A4
Size: 0805A
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744760256A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447602560A WURTH-7447602560A Datasheet
490Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760256C WURTH-744760256C Datasheet
958Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results

Descripción similar - 744760256A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744760356A WURTH-744760356A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762382A WURTH-744762382A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762315A WURTH-744762315A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762327A WURTH-744762327A Datasheet
860Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762410A WURTH-744762410A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
3.1 2014-09-15
744760312A WURTH-744760312A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762368A WURTH-744762368A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760247A WURTH-744760247A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760382A WURTH-744760382A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760268A WURTH-744760268A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760322A WURTH-744760322A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com