Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744760356A Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744760356A
Descripción Electrónicos  WE-RFI Ferrite SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744760356A Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744760356A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760356A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760356A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760356A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760356A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0
2.0
REV
2014-04-10
2007-01-17
DATE
SSt
SKle
BY
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-RFI Ferrite SMD Inductor
Order.- No.
744760356A
SIZE
A4
Size: 0805A
G Packaging Specification - Tape and Reel [mm]:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744760356A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447603100A WURTH-7447603100A Datasheet
489Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
logo
List of Unclassifed Man...
744760310A ETC2-744760310A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
logo
Wurth Elektronik GmbH &...
744760310A WURTH-744760310A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760310C WURTH-744760310C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
7447603120A WURTH-7447603120A Datasheet
489Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
More results

Descripción similar - 744760356A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744762382A WURTH-744762382A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762315A WURTH-744762315A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762327A WURTH-744762327A Datasheet
860Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762410A WURTH-744762410A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
3.1 2014-09-15
744760312A WURTH-744760312A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762368A WURTH-744762368A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760247A WURTH-744760247A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760382A WURTH-744760382A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760268A WURTH-744760268A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760322A WURTH-744760322A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com