Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI512-13 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI512-13
Descripción Electrónicos  Two selectable output frequencies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI512-13 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI512-13 Datasheet HTML 1Page - Silicon Laboratories SI512-13 Datasheet HTML 2Page - Silicon Laboratories SI512-13 Datasheet HTML 3Page - Silicon Laboratories SI512-13 Datasheet HTML 4Page - Silicon Laboratories SI512-13 Datasheet HTML 5Page - Silicon Laboratories SI512-13 Datasheet HTML 6Page - Silicon Laboratories SI512-13 Datasheet HTML 7Page - Silicon Laboratories SI512-13 Datasheet HTML 8Page - Silicon Laboratories SI512-13 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si512/513
Rev. 1.0
5
Table 2. Output Clock Frequency Characteristics
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Nominal Frequency
FO
CMOS, Dual CMOS
0.1
212.5
MHz
FO
LVDS/LVPECL/HCSL
0.1
250
MHz
Total Stability*
Frequency Stability Grade C
–30
+30
ppm
Frequency Stability Grade B
–50
+50
ppm
Frequency Stability Grade A
–100
+100
ppm
Temperature Stability
Frequency Stability Grade C
–20
+20
ppm
Frequency Stability Grade B
–25
+25
ppm
Frequency Stability Grade A
–50
+50
ppm
Startup Time
TSU
Minimum VDD to output
frequency (FO) within specification
——
10
ms
Disable Time
TD
FO 10 MHz
5
µs
FO < 10 MHz
40
µs
Enable Time
TE
FO 10 MHz
20
µs
FO < 10 MHz
60
µs
Settling Time after FS
Change
tFRQ
——
10
ms
*Note:
Total stability includes initial accuracy, operating temperature, supply voltage change, load change, shock and
vibration (not under operation), and 10 years aging at 40 °C.


Número de pieza similar - SI512-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI512 SILABS-SI512 Datasheet
1Mb / 20P
   DUAL FREQUENCY CRYSTAL OSCILLATOR
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
   TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
Si51210 SILABS-Si51210 Datasheet
1Mb / 20P
   Timing Selector Guide
logo
Skyworks Solutions Inc.
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI51210-AXXXFM SILABS-SI51210-AXXXFM Datasheet
150Kb / 12P
   TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
More results

Descripción similar - SI512-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
logo
IQD Frequency Products ...
IQXO-90 IQD-IQXO-90 Datasheet
177Kb / 3P
   Selectable output frequencies (Up to 4)
logo
Integrated Device Techn...
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
logo
Silicon Laboratories
SI5040-EVB SILABS-SI5040-EVB Datasheet
1Mb / 24P
   Four selectable on-chip reference frequencies
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com