Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2493D Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI2493D
Descripción Electrónicos  Type I and II caller ID decode
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2493D Datasheet(HTML) 4 Page - Silicon Laboratories

  SI2493D Datasheet HTML 1Page - Silicon Laboratories SI2493D Datasheet HTML 2Page - Silicon Laboratories SI2493D Datasheet HTML 3Page - Silicon Laboratories SI2493D Datasheet HTML 4Page - Silicon Laboratories SI2493D Datasheet HTML 5Page - Silicon Laboratories SI2493D Datasheet HTML 6Page - Silicon Laboratories SI2493D Datasheet HTML 7Page - Silicon Laboratories SI2493D Datasheet HTML 8Page - Silicon Laboratories SI2493D Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Si2493
4
Rev. 1.31
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
F-grade
G-grade
0
–40
25
25
70
85
°C
Si2493 Supply Voltage, Digital3
VD
3.0
3.3
3.6
V
Notes:
1. The Si2493 specifications are guaranteed when the typical application circuit (including component tolerance) and any
Si2493 and any Si3018 are used. See "2. Typical Application Schematic" on page 11.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. The digital supply, VD, operates from 3.0 to 3.6 V.
Table 2. Loop Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-grade, TA = –40 to 85 °C for G-grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL = 20 mA, ILIM
1 =0
DCV = 00, MINI = 11, DCR = 0
——
6.0
V
DC Termination Voltage
VTR
IL = 120 mA, ILIM = 0
DCV = 00, MINI = 11, DCR = 0
9—
V
DC Termination Voltage
VTR
IL =20mA, ILIM =0
DCV = 11, MINI = 00, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL = 120 mA, ILIM = 0
DCV = 11, MINI = 00, DCR = 0
9—
V
DC Termination Voltage
VTR
IL =20mA, ILIM =1
DCV = 11, MINI = 00, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL =60mA, ILIM =1
DCV = 11, MINI = 00, DCR = 0
40
V
DC Termination Voltage
VTR
IL =50mA, ILIM =1
DCV = 11, MINI = 00, DCR = 0
——
40
V
On-Hook Leakage Current
ILK
VTR = –48 V
5
µA
Operating Loop Current
ILP
MINI = 00, ILIM = 0
10
120
mA
Operating Loop Current
ILP
MINI = 00, ILIM = 1
10
60
mA
DC Ring Current
DC current flowing through ring
detection circuitry
—1.5
3
µA
Ring Detect Voltage2
VRD
RT = 0
12
15
18
VRMS
Ring Detect Voltage2
VRD
RT = 1
18
21
25
VRMS
Ring Frequency
FR
15
68
Hz
Ringer Equivalence Number
REN
0.2
Notes:
1. ILIM = U67, bit 9; DCV = U67, bits 3:2; MINI = U67, bits 13:12; DCR = U67, bit 7; RT = U67, bit 0.
2. The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected
above the maximum.


Número de pieza similar - SI2493D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results

Descripción similar - SI2493D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6006 IDT-NW6006 Datasheet
324Kb / 22P
   ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
N8817B KEYSIGHT-N8817B Datasheet
8Mb / 8P
   Triggering and decode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com