Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4362-C Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI4362-C
Descripción Electrónicos  Remote control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362-C Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4362-C Datasheet HTML 4Page - Silicon Laboratories SI4362-C Datasheet HTML 5Page - Silicon Laboratories SI4362-C Datasheet HTML 6Page - Silicon Laboratories SI4362-C Datasheet HTML 7Page - Silicon Laboratories SI4362-C Datasheet HTML 8Page - Silicon Laboratories SI4362-C Datasheet HTML 9Page - Silicon Laboratories SI4362-C Datasheet HTML 10Page - Silicon Laboratories SI4362-C Datasheet HTML 11Page - Silicon Laboratories SI4362-C Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Si4362-C
8
Rev 1.0
Image Rejection
(IF = 468.75 kHz)
ImREJ
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 460 MHz
—40—
dB
With image rejection calibration in
Si4362. Rejection at the image fre-
quency. RF = 460 MHz
—55—
dB
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 915 MHz
—45—
dB
With image rejection calibration in
Si4362. Rejection at the image fre-
quency. RF = 915 MHz
—52—
dB
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 169 MHz
—45—
dB
With image rejection calibration in
Si4362. Rejection at the image fre-
quency. RF = 169 MHz
—60—
dB
Table 3. Receiver AC Electrical Characteristics1,2 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used.
3.
Measured over 50000 bits using PN9 data sequence and data and clock on GPIOs. Sensitivity is expected to be better
if reading data from packet handler FIFO especially at higher data rates.


Número de pieza similar - SI4362-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

Descripción similar - SI4362-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com