Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4420 Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI4420
Descripción Electrónicos  No alignment required in production
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4420 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4420 Datasheet HTML 2Page - Silicon Laboratories SI4420 Datasheet HTML 3Page - Silicon Laboratories SI4420 Datasheet HTML 4Page - Silicon Laboratories SI4420 Datasheet HTML 5Page - Silicon Laboratories SI4420 Datasheet HTML 6Page - Silicon Laboratories SI4420 Datasheet HTML 7Page - Silicon Laboratories SI4420 Datasheet HTML 8Page - Silicon Laboratories SI4420 Datasheet HTML 9Page - Silicon Laboratories SI4420 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Si4420
6
GENERAL DEVICE SPECIFICATIONS
All voltages are referenced to V
ss, the potential on the ground reference pin VSS.
Absolute Maximum Ratings (non-operating)
Symbol
Parameter
Min
Max
Units
Vdd
Positive supply voltage
-0.5
6
V
Vin
Voltage on any pin (except RF1 and RF2)
-0.5
Vdd+0.5
V
Voc
Voltage on open collector outputs (RF1, RF2)
-0.5
Vdd+1.5 (Note 1)
V
Iin
Input current into any pin except VDD and VSS
-25
25
mA
ESD
Electrostatic discharge with human body model
1000
V
Tst
Storage temperature
-55
125
oC
Tld
Lead temperature (soldering, max 10 s)
260
oC
Recommended Operating Range
Symbol
Parameter
Min
Max
Units
Vdd
Positive supply voltage
2.2
5.4
V
VocDC
DC voltage on open collector outputs (RF1, RF2)
Vdd-1.5 (Note 1)
Vdd+1.5 (Note 2)
V
VocAC
AC peak voltage on open collector outputs (RF1, RF2)
Vdd+1.5
V
Top
Ambient operating temperature
-40
85
oC
Note 1: At maximum, V
dd+1.5 V cannot be higher than 7 V. At minimum, Vdd - 1.5 V cannot be lower than 1.2 V.
Note 2: At maximum, V
dd+1.5 V cannot be higher than 5.5 V.


Número de pieza similar - SI4420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
SI4420-D1-FTR ETC2-SI4420-D1-FTR Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
logo
Vishay Siliconix
SI4420BDY VISHAY-SI4420BDY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
SI4420BDY VISHAY-SI4420BDY Datasheet
103Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Jun-06
SI4420BDY VISHAY-SI4420BDY Datasheet
186Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 02-Mar-09
More results

Descripción similar - SI4420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com