Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4438-C Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI4438-C
Descripción Electrónicos  Low active power consumption
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4438-C Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4438-C Datasheet HTML 2Page - Silicon Laboratories SI4438-C Datasheet HTML 3Page - Silicon Laboratories SI4438-C Datasheet HTML 4Page - Silicon Laboratories SI4438-C Datasheet HTML 5Page - Silicon Laboratories SI4438-C Datasheet HTML 6Page - Silicon Laboratories SI4438-C Datasheet HTML 7Page - Silicon Laboratories SI4438-C Datasheet HTML 8Page - Silicon Laboratories SI4438-C Datasheet HTML 9Page - Silicon Laboratories SI4438-C Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Si4438-C
6
Rev 1.0
Table 3. Receiver AC Electrical Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RX Frequency
Range (Si4438)
FRX
425
525
MHz
RX Sensitivity2
PRX_0.5
(BER < 0.1%)
(500 bps, GFSK, BT = 0.5,
f = 250Hz)2
–124
dBm
PRX_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
f = 20 kHz)2
–108
dBm
PRX_100
(BER < 0.1%)
(100 kbps, GFSK, BT = 0.5,
f = 50 kHz)1
–104
dBm
PRX_9.6
(BER < 0.1%)
(9.6 kbps, GFSK, BT = 0.5,
f = 4.8 kHz)2
–114
dBm
PRX_OOK
(BER < 0.1%, 4.8 kbps, 350 kHz BW,
OOK, PN15 data)2
–108
dBm
(BER < 0.1%, 40 kbps, 350 kHz BW,
OOK, PN15 data)2
–102
dBm
(BER < 0.1%, 120 kbps, 350 kHz BW,
OOK, PN15 data)2
–98
dBm
RX Channel Bandwidth
BW
1.1
850
kHz
RSSI Resolution
RESRSSI
±0.5
dB
1-Ch Offset Selectivity,
450 MHz2
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps
F = 1.2 kHz GFSK with BT = 0.5, RX
channel BW = 4.8 kHz,
channel spacing = 12.5 kHz
–60
dB
Blocking 1 MHz Offset2
1MBLOCK Desired Ref Signal 3 dB above sensitiv-
ity, BER = 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps,
F = 1.2 kHz GFSK with BT = 0.5,
RX channel BW = 4.8 kHz
–77
dB
Blocking 8 MHz Offset2
8MBLOCK
–84
dB
Image Rejection
ImREJ
Rejection at the image frequency.
IF = 468 kHz
—40—
dB
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2. Measured over 50000 bits using PN9 data sequence and data and clock on GPIOs. Sensitivity is expected to be better
if reading data from packet handler FIFO especially at higher data rates.


Número de pieza similar - SI4438-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4438-C2A SILABS-SI4438-C2A Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
More results

Descripción similar - SI4438-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4438 SILABS-SI4438 Datasheet
1Mb / 44P
   Low active power consumption
logo
ATMEL Corporation
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com