Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4468-7 Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI4468-7
Descripción Electrónicos  Highly configurable packet handler
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4468-7 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4468-7 Datasheet HTML 4Page - Silicon Laboratories SI4468-7 Datasheet HTML 5Page - Silicon Laboratories SI4468-7 Datasheet HTML 6Page - Silicon Laboratories SI4468-7 Datasheet HTML 7Page - Silicon Laboratories SI4468-7 Datasheet HTML 8Page - Silicon Laboratories SI4468-7 Datasheet HTML 9Page - Silicon Laboratories SI4468-7 Datasheet HTML 10Page - Silicon Laboratories SI4468-7 Datasheet HTML 11Page - Silicon Laboratories SI4468-7 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Si4468/7
8
Rev 1.0
Image Rejection
(IF = 468.75 kHz)
ImREJ
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 460 MHz
30
40
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. RF = 460 MHz
40
55
dB
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 915 MHz
30
45
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. RF = 915 MHz
40
52
dB
No image rejection calibration. Rejec-
tion at the image frequency.
RF = 169 MHz
35
45
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. RF = 169 MHz
45
60
dB
Table 3. Receiver AC Electrical Characteristics1,2 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used.
3.
Measured over 50000 bits using PN9 data sequence and data and clock on GPIOs. Sensitivity is expected to be better
if reading data from packet handler FIFO especially at higher data rates.
4.
Conducted emissions measured on RF evaluation boards.


Número de pieza similar - SI4468-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4468-A2A-IM SILABS-SI4468-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Descripción similar - SI4468-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com