Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145402 Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza MC145402
Descripción Electrónicos  Serial 13-Bit Linear Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145402 Datasheet(HTML) 5 Page - Motorola, Inc

  MC145402 Datasheet HTML 1Page - Motorola, Inc MC145402 Datasheet HTML 2Page - Motorola, Inc MC145402 Datasheet HTML 3Page - Motorola, Inc MC145402 Datasheet HTML 4Page - Motorola, Inc MC145402 Datasheet HTML 5Page - Motorola, Inc MC145402 Datasheet HTML 6Page - Motorola, Inc MC145402 Datasheet HTML 7Page - Motorola, Inc MC145402 Datasheet HTML 8Page - Motorola, Inc MC145402 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC145402
MOTOROLA
5
tsu1
TDE
TDC
TDD
MSI
CCI
RCE
RDD
tsu6
tsu2
tp1
tp2
tp1
tp4
tsu7
tp3
twH
twL
tsu4
tsu5
tsu8
tsu9
tsu10
th
tsu3
S
B11
B10
B1
B0
tsu6
CCI
LAST
CCI
LAST
Figure 1. AC Timing Diagram
LAST
BIT
CLOCK
RDC


Número de pieza similar - MC145402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145403 MOTOROLA-MC145403 Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403-6P LANSDALE-MC145403-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403DW MOTOROLA-MC145403DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403DW LANSDALE-MC145403DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403P MOTOROLA-MC145403P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

Descripción similar - MC145402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com