Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si8271AB-IS Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza Si8271AB-IS
Descripción Electrónicos  Single PWM or dual digital inputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8271AB-IS Datasheet(HTML) 2 Page - Silicon Laboratories

  Si8271AB-IS Datasheet HTML 1Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 2Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 3Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 4Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 5Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 6Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 7Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 8Page - Silicon Laboratories Si8271AB-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
1. Ordering Guide
Table 1.1. Si827x Ordering Guide
Ordering
Part Number
Inputs
Driver
Configuration
Output
UVLO
Integrated
Deglitcher
Dead Time
Adjustable
Range
Low
Jitter
Package
Isolation
Rating
Products Available Now
Si8271AB-IS
VI
Single
5
N
N/A
Y
SOIC-8 NB
2.5 kVrms
Si8271BB-IS
VI
Single
8
N
N/A
Y
SOIC-8 NB
2.5 kVrms
Si8271DB-IS
VI
Single
12
N
N/A
Y
SOIC-8 NB
2.5 kVrms
Si8271GB-IS
VI
Single
3
N
N/A
Y
SOIC-8 NB
2.5 kVrms
Si8273AB-IS1
VIA/VIB
HS/LS
5
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8273ABD-IS1
VIA/VIB
HS/LS
5
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8273AB-IM
VIA/VIB
HS/LS
5
N
N/A
Y
5x5mm
LGA-14
2.5 kVrms
Si8273ABD-IM
VIA/VIB
HS/LS
5
Y
N/A
N
5x5mm
LGA-14
2.5 kVrms
Si8273DB-IS1
VIA/VIB
HS/LS
12
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8273DBD-IS1
VIA/VIB
HS/LS
12
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8273GB-IS1
VIA/VIB
HS/LS
3
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8273GBD-IS1
VIA/VIB
HS/LS
3
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8273BB-IS1
VIA/VIB
HS/LS
8
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8273BBD-IS1
VIA/VIB
HS/LS
8
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8274AB1-IS1
PWM
HS/LS
5
N
10-200
Y
SOIC-16 NB
2.5 kVrms
Si8274AB4D-IS1
PWM
HS/LS
5
Y
20-700
N
SOIC-16 NB
2.5 kVrms
Si8274AB1-IM
PWM
HS/LS
5
N
10-200
Y
5x5mm
LGA-14
2.5 kVrms
Si8274AB4D-IM
PWM
HS/LS
5
Y
20-700
N
5x5mm
LGA-14
2.5 kVrms
Si8274BB1-IS1
PWM
HS/LS
8
N
10-200
Y
SOIC-16 NB
2.5 kVrms
Si8274DB1-IS1
PWM
HS/LS
12
N
10-200
Y
SOIC-16 NB
2.5 kVrms
Si8274GB1-IS1
PWM
HS/LS
3
N
10-200
Y
SOIC-16 NB
2.5 kVrms
Si8274GB4D-IS1
PWM
HS/LS
3
Y
20-700
N
SOIC-16 NB
2.5 kVrms
Si8274GB1-IM
PWM
HS/LS
3
N
10-200
Y
5x5mm
LGA-14
2.5 kVrms
Si8274GB4D-IM
PWM
HS/LS
3
Y
20-700
N
5x5mm
LGA-14
2.5 kVrms
Si8275GB-IS1
VIA/VIB
Dual
3
N
N/A
Y
SOIC-16 NB
2.5 kVrms
Si8275GBD-IS1
VIA/VIB
Dual
3
Y
N/A
N
SOIC-16 NB
2.5 kVrms
Si8275AB-IM
VIA/VIB
Dual
5
N
N/A
Y
5x5mm
LGA-14
2.5 kVrms
Si827x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 1


Número de pieza similar - Si8271AB-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8271AB-IS SILABS-SI8271AB-IS Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI8271AB-IS SKYWORKS-SI8271AB-IS Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results

Descripción similar - Si8271AB-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
List of Unclassifed Man...
DMX710 ETC1-DMX710 Datasheet
275Kb / 6P
   DMX512 Transmitter with 6/8/12 digital or analoge inputs
logo
THOR communications
H-2ADHD-QAM-IP THOR-H-2ADHD-QAM-IP Datasheet
511Kb / 1P
   Convert 2 HD or SD Inputs to Digital HDTV Channels
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com