Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMMBT2369ALT1G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza SMMBT2369ALT1G
Descripción Electrónicos  Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT2369ALT1G Datasheet(HTML) 3 Page - ON Semiconductor

  SMMBT2369ALT1G Datasheet HTML 1Page - ON Semiconductor SMMBT2369ALT1G Datasheet HTML 2Page - ON Semiconductor SMMBT2369ALT1G Datasheet HTML 3Page - ON Semiconductor SMMBT2369ALT1G Datasheet HTML 4Page - ON Semiconductor SMMBT2369ALT1G Datasheet HTML 5Page - ON Semiconductor SMMBT2369ALT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT2369L, MMBT2369AL
www.onsemi.com
3
Figure 1. ton Circuit − 10 mA
Figure 2. ton Circuit − 100 mA
Figure 3. toff Circuit − 10 mA
Figure 4. toff Circuit − 100 mA
Figure 5. Turn−On and Turn−Off Time Test Circuit
+10.6 V
-1.5 V
0
t1
< 1 ns
PULSE WIDTH (t1) = 300 ns
DUTY CYCLE = 2%
3 V
270
W
3.3 k
Cs* < 4 pF
10 V
95
W
1 k
Cs* < 12 pF
+10.8 V
-2 V
0
t1
< 1 ns
PULSE WIDTH (t1) = 300 ns
DUTY CYCLE = 2%
+10.75 V
0
-9.15 V
t1
< 1 ns
PULSE WIDTH (t1) = 300 ns
DUTY CYCLE = 2%
< 1 ns
-8.6 V
+11.4 V
t1
0
PULSE WIDTH (t1) BETWEEN
10 AND 500
ms
DUTY CYCLE = 2%
270
W
3.3 k
Cs* < 4 pF
95
W
1 k
Cs* < 12 pF
10 V
1N916
Vout
90%
10%
Vin
0
ton
Vin
3.3 k
W
50
W
220
W
50
W
0.1
mF
Vout
3.3 k
0.0023
mF
0.0023
mF
0.005
mF 0.005 mF
0.1
mF
0.1
mF
VBB +-
+
- VCC = 3 V
Vin
0
90%
10%
toff
Vout
VBB = +12 V
Vin = -15 V
TO OSCILLOSCOPE
INPUT IMPEDANCE = 50
W
RISE TIME = 1 ns
TURN-OFF WAVEFORMS
PULSE GENERATOR
Vin RISE TIME < 1 ns
SOURCE IMPEDANCE = 50
W
PW
≥ 300 ns
DUTY CYCLE < 2%
TURN-ON WAVEFORMS
*Total shunt capacitance of test jig and connectors.
*Total shunt capacitance of test jig and connectors.


Número de pieza similar - SMMBT2369ALT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMMBT2222AL ONSEMI-SMMBT2222AL Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
SMMBT2222ALT1G ONSEMI-SMMBT2222ALT1G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
SMMBT2222ALT1G ONSEMI-SMMBT2222ALT1G Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
SMMBT2222ALT3G ONSEMI-SMMBT2222ALT3G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
SMMBT2222ALT3G ONSEMI-SMMBT2222ALT3G Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
More results

Descripción similar - SMMBT2369ALT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPS3638 MOTOROLA-MPS3638 Datasheet
321Kb / 8P
   Switching Transistors
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
   Switching Transistors
logo
New Jersey Semi-Conduct...
2N3996 NJSEMI-2N3996 Datasheet
87Kb / 1P
   SWITCHING TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBT2369(A)LT1 WILLAS-MMBT2369(A)LT1 Datasheet
386Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
   Switching Transistors
logo
ON Semiconductor
MMBT2369LT1G ONSEMI-MMBT2369LT1G_09 Datasheet
195Kb / 6P
   Switching Transistors
September, 2009 ??Rev. 7
logo
Guangdong Kexin Industr...
FMMT3903 KEXIN-FMMT3903 Datasheet
37Kb / 2P
   Switching Transistors
logo
Leshan Radio Company
LMBT2369LT1G LRC-LMBT2369LT1G Datasheet
292Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MMBT2369LT1 MOTOROLA-MMBT2369LT1 Datasheet
304Kb / 8P
   Switching Transistors
logo
Comset Semiconductor
BSX62 COMSET-BSX62 Datasheet
78Kb / 3P
   SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT4126 KEXIN-FMMT4126 Datasheet
37Kb / 2P
   Switching Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com