Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4464 Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI4464
Descripción Electrónicos  HIGH-PERFORMANCE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4464 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4464 Datasheet HTML 4Page - Silicon Laboratories SI4464 Datasheet HTML 5Page - Silicon Laboratories SI4464 Datasheet HTML 6Page - Silicon Laboratories SI4464 Datasheet HTML 7Page - Silicon Laboratories SI4464 Datasheet HTML 8Page - Silicon Laboratories SI4464 Datasheet HTML 9Page - Silicon Laboratories SI4464 Datasheet HTML 10Page - Silicon Laboratories SI4464 Datasheet HTML 11Page - Silicon Laboratories SI4464 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Si4464/63/61/60
8
Rev 1.2
1-Ch Offset Selectivity,
169 MHz3
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps
F = 1.2 kHz GFSK with BT = 0.5, RX
channel BW = 4.8 kHz,
channel spacing = 12.5 kHz
–60
dB
1-Ch Offset Selectivity,
450 MHz3
C/I1-CH
–58
dB
1-Ch Offset Selectivity,
868 / 915 MHz3
C/I1-CH
–53
dB
Blocking 1 MHz Offset3
1MBLOCK Desired Ref Signal 3 dB above sensitiv-
ity, BER = 0.1%. Interferer is CW, and
desired is modulated with 2.4 kbps,
F = 1.2 kHz GFSK with BT = 0.5,
RX channel BW = 4.8 kHz
–75
dB
Blocking 8 MHz Offset3
8MBLOCK
–84
dB
Image Rejection3
ImREJ
No image rejection calibration. Rejec-
tion at the image frequency.
IF = 468 kHz
—35—
dB
With image rejection calibration in
Si446x. Rejection at the image fre-
quency. IF = 468 kHz
—55—
dB
Table 3. Receiver AC Electrical Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
2.
For applications that use the major bands covered by Si4463/61/60, customers should use those parts instead of
Si4464.
3.
Guaranteed by qualification. BER is specified for the 450–470 MHz band. Qualification test conditions are listed in the
"Qualification Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
4.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used. PER and BER tested
in the 450–470 MHz band.
5.
Guaranteed by bench characterization.


Número de pieza similar - SI4464

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4464 ETC2-SI4464 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4464 ETC2-SI4464 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4464-B1B-FM SILABS-Si4464-B1B-FM Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
Si4464-Bxx-FM SILABS-Si4464-Bxx-FM Datasheet
1Mb / 56P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
logo
Vishay Siliconix
SI4464DY VISHAY-SI4464DY Datasheet
53Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. A, 02-Dec-02
More results

Descripción similar - SI4464

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com