Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si5344H Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza Si5344H
Descripción Electrónicos  HIGH-FREQUENCY,
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5344H Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si5344H Datasheet HTML 4Page - Silicon Laboratories Si5344H Datasheet HTML 5Page - Silicon Laboratories Si5344H Datasheet HTML 6Page - Silicon Laboratories Si5344H Datasheet HTML 7Page - Silicon Laboratories Si5344H Datasheet HTML 8Page - Silicon Laboratories Si5344H Datasheet HTML 9Page - Silicon Laboratories Si5344H Datasheet HTML 10Page - Silicon Laboratories Si5344H Datasheet HTML 11Page - Silicon Laboratories Si5344H Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Si5344H/42H
8
Rev. 1.0
Table 5. Differential Clock Output Specifications
(VDD = 1.8 V ±5%, VDDA = 3.3V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Frequency:
High-Speed Output
fOUT
MultiSynth not used
Only AC-coupled 3.3V differen-
tial high-speed output is sup-
ported for fOUT >1.5 GHz
0.615
1.195833
GHz
1.23
2.39166
2.46
2.75
Output Frequency:
MultiSynth Output2
fOUT
MultiSynth used for any-fre-
quency support
(all output formats)
0.0001
717.5
MHz
Duty Cycle
DC
fOUT < 400 MHz
48
52
%
400 MHz < fOUT < 1.37 GHz
45
55
1.37 GHz <fOUT <2.75 GHz
25
75
Output-Output Skew
Using Same Multi-
Synth
TSKS
Outputs on same MultiSynth
(Measured at 717.5 MHz)
——
65
ps
Output-Output Skew
between MultiSynths
TSKD
Outputs from different Multi-
Synths
(Measured at 717.5 MHz)
——
90
ps
OUT-OUT Skew
TSK_OUT
Measured from the positive to
negative output pins
—0
50
ps
Note:
1. For normal mode, the amplitude and common-mode settings are programmable through register settings and can be stored in
NVM. Each output driver can be programmed independently. The typical LVDS maximum is 100 mV (or 80 mV) higher than
the TIA/EIA-644 maximum. When in LVPECL mode and fOUT>717.5 MHz note VOUT may not meet standard LVPECL levels,
but provides the greatest output voltage swing. Also note that the output voltage swing specifications are given in peak-to-
peak single-ended swing.
2. Max frequency using MultiSynth outputs is determined by the VCO frequency. Please use ClockBuilder Pro to determine the
maximum output frequency for any given frequency plan.
3. High-speed outputs indicates no multiSynth is used (i.e., not fractional synthesis).
4. Not all combinations of voltage swing and common mode voltages settings are possible. See the reference manual for details.
5. Measured for 156.25 MHz carrier frequency. 100 mVpp sinewave noise added to VDDO = 3.3 V and noise spur amplitude
measured.
6. Measured across two adjacent outputs, both in LVDS mode, with the victim running at 155.52 MHz and the aggressor at
156.25 MHz. Refer to “AN862: Optimizing Si534x Jitter Performance in Next Generation Internet Infrastructure Systems” for
guidance on crosstalk optimization. Note that all active outputs must be terminated when measuring crosstalk.
OUTx
OUTx
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm


Número de pieza similar - Si5344H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5344H SKYWORKS-SI5344H Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
SI5344H-D-GM SKYWORKS-SI5344H-D-GM Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
More results

Descripción similar - Si5344H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
431115300245 YAGEO-431115300245 Datasheet
183Kb / 13P
   HIGH FREQUENCY
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com