Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si53325-B-GQ Datasheet(PDF) 3 Page - Silicon Laboratories

No. de pieza Si53325-B-GQ
Descripción Electrónicos  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53325-B-GQ Datasheet(HTML) 3 Page - Silicon Laboratories

  Si53325-B-GQ Datasheet HTML 1Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 2Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 3Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 4Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 5Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 6Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 7Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 8Page - Silicon Laboratories Si53325-B-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
2. Functional Description
The Si53320-28 are a family of low-jitter, low-skew, fixed-format (LVPECL) buffers. All devices except the Si53326 and Si53328 have a
universal input that accepts most common differential or LVCMOS input signals. The Si53326 and Si53328 accept only single-ended
LVCMOS inputs. These devices are available in multiple configurations customized for the end application (refer to 1. Ordering Guide
for more details on configurations).
2.1 Universal, Any-Format Input Termination (Si53320/21/22/23/25/27)
The universal input stage enables simple interfacing to a wide variety of clock formats, including LVPECL, low-power LVPECL,
LVCMOS, LVDS, HCSL, and CML. The tables below summarize the various ac- and dc-coupling options supported by the device. For
the best high-speed performance, the use of differential formats is recommended. For both single-ended and differential input clocks,
the fastest possible slew rate is recommended since low slew rates can increase the noise floor and degrade jitter performance.
Though not required, a minimum slew rate of 0.75 V/ns is recommended for differential formats and 1.0 V/ns for single-ended formats.
See “AN766: Understanding and Optimizing Clock Buffer’s Additive Jitter Performance” for more information.
Table 2.1. Clock Input Options
Clock Format
1.8 V
2.5/3.3 V
AC-Coupled
LVPECL/Low-power LVPECL
N/A
Yes
LVCMOS
No
Yes
LVDS
Yes
Yes
HCSL
No
Yes (3.3 V)
CML
Yes
Yes
DC-Coupled
LVPECL/Low-power LVPECL
N/A
Yes
LVCMOS
No
Yes
LVDS
No
Yes
HCSL
No
Yes (3.3 V)
CML
No
No
Si53320-28 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 2


Número de pieza similar - Si53325-B-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53325-B-GQ SKYWORKS-SI53325-B-GQ Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Descripción similar - Si53325-B-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com