Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si53328-B-GM Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza Si53328-B-GM
Descripción Electrónicos  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53328-B-GM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si53328-B-GM Datasheet HTML 2Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 3Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 4Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 5Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 6Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 7Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 8Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 9Page - Silicon Laboratories Si53328-B-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
2.2 LVCMOS Input Termination (Si53326/28 Only)
The table below summarizes the various ac- and dc-coupling options supported by the LVCMOS device, and the figure shows the rec-
ommended input clock termination.
Note: 1.8 V LVCMOS inputs are not supported for Si53326/28.
Table 2.2. LVCMOS Input Clock Options
LVCMOS
AC-Coupled
DC-Coupled
1.8 V
No
No
2.5/3.3 V
Yes
Yes
VDD
Si53326/28
CMOS
Driver
CLKx
VDD = 3.3 V or 2.5 V
50
Rs
NC
DC-Coupled
VDD
Si53326/28
CMOS
Driver
CLKx
VDD = 3.3 V or 2.5 V
50
Rs
NC
AC-Coupled
VDD
1 k
1 k
VBIAS = VDD/2
Note:
Value for Rs should be chosen so that the total
source impedance matches the characteristic
impedance of the PCB trace.
Figure 2.4. Recommended Input Clock Termination (Si53326/28)
Si53320-28 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 5


Número de pieza similar - Si53328-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53328-B-GM SKYWORKS-SI53328-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Descripción similar - Si53328-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com