Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si82398AD-IS Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza Si82398AD-IS
Descripción Electrónicos  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82398AD-IS Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si82398AD-IS Datasheet HTML 4Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 5Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 6Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 7Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 8Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 9Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 10Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 11Page - Silicon Laboratories Si82398AD-IS Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Table 2.3. Si82397 Dual Drivers with No UVLO Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
Notes
H
L
H
P
P
P
H
L
L
H
H
P
P
P
L
H
H
H
H
P
P
P
H
H
L
L
H
P
P
P
L
L
X
X
L/NC
P
P
P
L
L
Device disabled
X
X
X
UP2
P
P
L
L
Fail-safe output when
VDDI is unpowered
H
X
H
P
P
UP
H
UD3
VOA depends on VDDA
state
L
X
H
P
P
UP
L
UD
X
H
H
P
UP
P
UD
H
VOB depends on VDDB
state
X
L
H
P
UP
P
UD
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
Table 2.4. Si82394/8 PWM Input HS/LS Drivers with UVLO Status
PWM
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
H
P
P
P
H
L
H
See Dead-time note and
Figure 2.18 Dead Time
Waveforms for High-
Side/Low-Side Drivers on
page 13 for timing
L
H
P
P
P
L
H
H
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
H
H
P
P
UP
H
UD
L
VOA depends on VDDA
state
L
H
P
P
UP
L
UD
L
H
H
P
UP
P
UD
L
L
VOB depends on VDDB
state
L
H
P
UP
P
UD
H
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the PWM input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Número de pieza similar - Si82398AD-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si82398AD-IS SILABS-Si82398AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Skyworks Solutions Inc.
SI82398AD-IS SKYWORKS-SI82398AD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82398AD-IS3 SKYWORKS-SI82398AD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Descripción similar - Si82398AD-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com