Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Si8641BT-IS Datasheet(PDF) 11 Page - Silicon Laboratories |
|
Si8641BT-IS Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 42 page Parameter Symbol Test Condition Min Typ Max Unit Si8641Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.4 2.3 5.2 3.6 2.2 3.7 7.8 5.4 mA Si8642Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.8 1.8 4.4 4.4 2.9 2.9 6.6 6.6 mA 1 Mbps Supply Current (All Inputs = 500 kHz Square Wave, CI = 15 pF on All Outputs) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 — — 3.6 2.9 5.0 4.0 mA Si8641Bx, Ex VDD1 VDD2 — — 3.4 3.3 4.8 4.6 mA Si8642Bx, Ex VDD1 VDD2 — — 3.3 3.3 4.6 4.6 mA 10 Mbps Supply Current (All Inputs = 5 MHz Square Wave, CI = 15 pF on All Outputs) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 — — 3.6 4.0 5.0 5.6 mA Si8641Bx, Ex VDD1 VDD2 — — 3.7 4.1 5.2 5.8 mA Si8642Bx, Ex VDD1 VDD2 — — 3.9 3.9 5.4 5.4 mA 100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 — — 3.6 17.5 5.0 22.8 mA Si864x Data Sheet Electrical Specifications silabs.com | Smart. Connected. Energy-friendly. Rev. 2.0 | 10 |
Número de pieza similar - Si8641BT-IS |
|
Descripción similar - Si8641BT-IS |