Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL28PCIE50 Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SL28PCIE50
Descripción Electrónicos  PCI-Express Gen 2 Compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE50 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL28PCIE50 Datasheet HTML 3Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 4Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 5Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 9Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 10Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SL28PCIe50
DOC#: SP-AP-0758 (Rev. AA)
Page 7 of 16
Byte 5: Control Register 5
Bit
@Pup
Type
Name
Description
7
0
R/W
REF0_BIT2
Slew Rate Contorl for REF clocks
6
1
R/W
REF0_BIT1
5
0
R/W
REF0_BIT0
4
0
R/W
REF1_BIT2
3
1
R/W
REF1_BIT1
2
0
R/W
REF1_BIT0
1
0
R/W
TEST_MODE_ENTRY
Allows entry into test mode
0 = Normal Operation, 1 = Enter test mode(s)
0
0
R/W
TEST _MODE_SEL
Test mode select either REF/N or tri-state
0 = All outputs tri-state, 1 = All output REF/N
Byte 6: Control Register 6
Bit
@Pup
Type
Name
Description
7
0
R/W
REF2_BIT2
Slew Rate Control for REF clocks
6
1
R/W
REF2_BIT1
5
0
R/W
REF2_BIT0
4
0
R/W
Wireless Friendly Mode
One-bit slew rate control. Set all SE clocks to 101 setting
0=Disabled; 1=Enabled
3
1
R/W
PLL1_SS_EN
Spread Enabled for PLL1
0=Spread Disabled; 1=Spread Enabled
2
0
R/W
PLL1_SS_DC
Spread Profile
0=-0.5%; 1=+/-0.25%
1
0
R/W
CONF_SE2_FS
CONF_SE2 Frequecy Select
0=24.576MHz, 1=12MHz (Note: Byte 6<1> only applies when
Byte 6<0>=0
0
0
R/W
CONF_SE2_PLL_SEL
PLL source for CONF_SE2 output
0=PLL3; (Note: Byte6<0> = 0, Table 7 applies for
CONF_SE2)
1=PLL2; (Note: Byte6<0> = 1, Table 6 applies for
CONF_SE2)
M ode
BIT2
BIT1
BIT0
Buffe r Str e ngth
000
Str ong
001
Def ault
010
011
100
Wireless Friendly
101
110
111
We ak
M ode
BIT2
BIT1
BIT0
Buffe r Str e ngth
000
Str ong
001
Def ault
010
011
100
Wireless Friendly
101
110
111
We ak


Número de pieza similar - SL28PCIE50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

Descripción similar - SL28PCIE50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL28PCIE14 SILABS-SL28PCIE14 Datasheet
395Kb / 13P
   PCI-Express Gen 2 & Gen 3 Compliant
logo
AVAGO TECHNOLOGIES LIMI...
PEX8696 AVAGO-PEX8696 Datasheet
314Kb / 5P
   PCI Express Gen 2 Switch
PEX8649 AVAGO-PEX8649 Datasheet
415Kb / 5P
   PCI Express Gen 2 Switch
PEX8664 AVAGO-PEX8664 Datasheet
387Kb / 5P
   PCI Express Gen 2 Switch
PEX8680 AVAGO-PEX8680 Datasheet
356Kb / 5P
   PCI Express Gen 2 Switch
PEX8603 AVAGO-PEX8603 Datasheet
211Kb / 3P
   PCI Express Gen 2 Switch
PEX8605 AVAGO-PEX8605 Datasheet
232Kb / 3P
   PCI Express Gen 2 Switch
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com