Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH16245APAG8 Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza 74LVCH16245APAG8
Descripción Electrónicos  3.3V CMOS 16-BIT BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVCH16245APAG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  74LVCH16245APAG8 Datasheet HTML 1Page - Integrated Device Technology 74LVCH16245APAG8 Datasheet HTML 2Page - Integrated Device Technology 74LVCH16245APAG8 Datasheet HTML 3Page - Integrated Device Technology 74LVCH16245APAG8 Datasheet HTML 4Page - Integrated Device Technology 74LVCH16245APAG8 Datasheet HTML 5Page - Integrated Device Technology 74LVCH16245APAG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH16245A
3.3VCMOS16-BITBUSTRANSCEIVERWITH3-STATEOUTPUTS
1
OCTOBER 2015
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2015 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4596/5
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Available in SSSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
IDT74LVCH16245A
DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS
technology. This high-speed, low power transceiver is ideal for asynchro-
nous communication between two busses (A and B). The Direction and
Output Enable controls are designed to operate this device as either two
independent 8-bit transceivers or one 16-bit transceiver. The direction
control pin (DIR) controls the direction of data flow. The output enable pin
(OE) overrides the direction control and disables both ports. All inputs are
designed with hysteresis for improved noise margin.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVCH16245A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
The LVCH16245A has “bus-hold” which retains the inputs' last state
whenever the input goes to a high impedance. This prevents floating inputs
and eliminates the need for pull-up/down resistors.
3.3V CMOS 16-BIT
BUS TRANSCEIVER
WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O AND BUS-HOLD
1
DIR
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B8
1
B7
1
B6
1
B5
1
B4
1
B3
1
B2
1
B1
1
OE
2
DIR
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B8
2
B7
2
B6
2
B5
2
B4
2
B3
2
B2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
48
2
3
5
6
8
9
11
12
24
36
35
33
32
30
29
27
26
25
13
14
16
17
19
20
22
23


Número de pieza similar - 74LVCH16245APAG8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74LVCH16245APAG8 RENESAS-74LVCH16245APAG8 Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
More results

Descripción similar - 74LVCH16245APAG8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6