Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVCR162245APVG8 Datasheet(PDF) 1 Page - Integrated Device Technology |
|
74LVCR162245APVG8 Datasheet(HTML) 1 Page - Integrated Device Technology |
1 / 6 page INDUSTRIALTEMPERATURERANGE IDT74LVCR162245A 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 JULY 2015 INDUSTRIAL TEMPERATURE RANGE IDT and the IDT logo is a registered trademark of Integrated Device Technology, Inc. © 2015 Integrated Device Technology, Inc. DSC-4691/4 FEATURES: • Typical tSK(o) (Output Skew) < 250ps • ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) •VCC = 3.3V ± 0.3V, Normal Range •VCC = 2.7V to 3.6V, Extended Range • CMOS power levels (0.4 μμμμμ W typ. static) • All inputs, outputs, and I/O are 5V tolerant • Supports hot insertion • Available in SSOP and TSSOP packages FUNCTIONAL BLOCK DIAGRAM APPLICATIONS: • 5V and 3.3V mixed voltage systems • Data communication and telecommunication systems DRIVE FEATURES: • Balanced Output Drivers: ±12mA • Low switching noise IDT74LVCR162245A DESCRIPTION: This 16-bit bus transceiver is built using advanced dual metal CMOS technology. This high-speed, low power transceiver is ideal for asynchro- nous communication between two busses (A and B). The Direction and Output Enable controls are designed to operate this device as either two independent 8-bit transceivers or one 16-bit transceiver. The direction control pin (DIR) controls the direction of data flow. The output enable pin (OE) overrides the direction control and disables both ports. All inputs are designed with hysteresis for improved noise margin. All pins can be driven from either 3.3V or 5V devices. This feature allows the use of this device as a translator in a mixed 3.3V/5V supply system. The LVCR162245A has series resistors in the device output structure which will significantly reduce line noise when used with light loads. The driver has been designed to drive ±12mA at the designated threshold levels. 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 DIR 1 A1 1 A2 1 A3 1 A4 1 A5 1 A6 1 A7 1 A8 1 B8 1 B7 1 B6 1 B5 1 B4 1 B3 1 B2 1 B1 1 OE 2 DIR 2 A1 2 A2 2 A3 2 A4 2 A5 2 A6 2 A7 2 A8 2 B8 2 B7 2 B6 2 B5 2 B4 2 B3 2 B2 2 B1 2 OE 1 47 46 44 43 41 40 38 37 48 2 3 5 6 8 9 11 12 24 36 35 33 32 30 29 27 26 25 13 14 16 17 19 20 22 23 |
Número de pieza similar - 74LVCR162245APVG8 |
|
Descripción similar - 74LVCR162245APVG8 |