Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3086 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza CA3086
Descripción Electrónicos  Power Applications from DC to 120MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3086 Datasheet(HTML) 3 Page - Intersil Corporation

  CA3086 Datasheet HTML 1Page - Intersil Corporation CA3086 Datasheet HTML 2Page - Intersil Corporation CA3086 Datasheet HTML 3Page - Intersil Corporation CA3086 Datasheet HTML 4Page - Intersil Corporation CA3086 Datasheet HTML 5Page - Intersil Corporation CA3086 Datasheet HTML 6Page - Intersil Corporation CA3086 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
CA-3086
Low-Frequency, Small-Signal Equivalent-
Circuit Characteristics:
f = 1kHz,VCE = 3V, IC = 1mA
Forward Current-Transfer Ratio
(Figure 6)
hFE
100
-
Short-Circuit Input Impedance
(Figure 6)
hIE
3.5
k
Ω
Open-Circuit Output Impedance
(Figure 6)
hOE
15.6
μS
Open-Circuit Reverse-Voltage
Transfer Ratio (Figure 6)
hRE
1.8 X 10-4
-
Admittance Characteristics:
f = 1MHz,VCE = 3V, lC = 1mA
Forward Transfer Admittance
(Figure 7)
yFE
31 - j1.5
mS
Input Admittance (Figure 8)
yIE
0.3 + j0.04
mS
Output Admittance (Figure 9)
yOE
0.001 + j0.03
mS
Reverse Transfer Admittance
(Figure 10)
yRE
See Figure 10
-
Gain-Bandwidth Product (Figure 11)
fT
VCE = 3V, IC = 3mA
550
MHz
Emitter-to-Base Capacitance
CEBO
VEB = 3V, IE = 0
0.6
pF
Collector-to-Base Capacitance
CCBO
VCB = 3V, IC = 0
0.58
pF
Collector-to-Substrate Capacitance
CClO
VC l = 3V, IC = 0
2.8
pF
Electrical Specifications T
A = 25
oC, Typical Values Intended Only for Design Guidance (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
VALUES
UNITS
Typical Performance Curves
FIGURE 1. ICBO vs TEMPERATURE
FIGURE 2. ICEO vs TEMPERATURE
102
10-1
10
1
10-2
10-3
10-4
0
25
50
75
100
125
TEMPERATURE (oC)
VCB = 15V
VCB = 10V
VCB = 5V
IE = 0
102
10-1
10
1
10-2
10-3
0
25
50
75
100
125
TEMPERATURE (oC)
IB = 0
VCE = 10V
VCE = 5V
103


Número de pieza similar - CA3086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
CA3086F INTERSIL-CA3086F Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
CA3086F INTERSIL-CA3086F Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
More results

Descripción similar - CA3086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Pasternack Enterprises,...
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1020 PASTERNACK-PE3CA1020 Datasheet
396Kb / 4P
   Operate from DC to 6GHz
PE3CA1023 PASTERNACK-PE3CA1023 Datasheet
390Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com