Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK520 Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza STK520
Descripción Electrónicos  STK520 is a New Member of the Successful STK500 Starter Kit Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK520 Datasheet(HTML) 5 Page - ATMEL Corporation

  STK520 Datasheet HTML 1Page - ATMEL Corporation STK520 Datasheet HTML 2Page - ATMEL Corporation STK520 Datasheet HTML 3Page - ATMEL Corporation STK520 Datasheet HTML 4Page - ATMEL Corporation STK520 Datasheet HTML 5Page - ATMEL Corporation STK520 Datasheet HTML 6Page - ATMEL Corporation STK520 Datasheet HTML 7Page - ATMEL Corporation STK520 Datasheet HTML 8Page - ATMEL Corporation STK520 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Using the STK520 Top Module
STK520 User Guide
2-4
7510A–AVR–08/05
Section 2
Using the STK520 Top Module
2.1
Connecting the
STK520 to the
STK500 Starter
Kit
Connect the STK520 to the STK500 expansion header 0 and 1. It is important that the
top module is connected in the correct orientation as shown in Figure 2-1. The
EXPAND0 written on the STK520 top module should match the EXPAND0 written
beside the expansion header on the STK500 board.
Figure 2-1. Connecting STK520 to the STK500 Board
Note:
Connecting the STK520 with wrong orientation may damage the board.
2.1.1
Placing an
AT90PWM3 on the
STK520
The STK520 contains both a ZIF socket for a SO32 package. Care should be taken so
that the device is mounted with the correct orientation. Figure 2-2 shows the location of
pin1 for the ZIF socket.


Número de pieza similar - STK520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
More results

Descripción similar - STK520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
NXP Semiconductors
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
   Introducing the Newest Member of the Zenigata Family
logo
NXP Semiconductors
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
   The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
68HC805P18 NXP-68HC805P18 Datasheet
1Mb / 111P
   The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com