Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK525 Datasheet(PDF) 8 Page - ATMEL Corporation

No. de pieza STK525
Descripción Electrónicos  AT90USBxxx TQFP device (2.7V
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK525 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button STK525 Datasheet HTML 4Page - ATMEL Corporation STK525 Datasheet HTML 5Page - ATMEL Corporation STK525 Datasheet HTML 6Page - ATMEL Corporation STK525 Datasheet HTML 7Page - ATMEL Corporation STK525 Datasheet HTML 8Page - ATMEL Corporation STK525 Datasheet HTML 9Page - ATMEL Corporation STK525 Datasheet HTML 10Page - ATMEL Corporation STK525 Datasheet HTML 11Page - ATMEL Corporation STK525 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Using the STK525
2-8
STK525 Hardware User Guide
7608A–AVR–04/06
2.2.2
Power Supply Setting
Table 2-1 . Power Supply
(1) Setting
Notes:
1. Caution: The STK500 has its own “ON/OFF” switch
Vcc Source
Jumper position
VCC power
supply value
Comments
View
VBUS 5
VBUS
(4,7V to 5.0V)
This is the default configuration.
This should be used for a typical USB
device “bus powered” application.
In this mode, the STK525 is powered
directly from the USB bus, and no
other external power supply is
required.
REG 5
5V
This configuration can be used for a
USB “self powered” device
application” or when operating has a
USB host.
To use this configuration an external
power supply must be connected to
J6 connector.
REG 3.3
3.3V
This configuration allows the STK525
to be used in a 3V range application.
This configuration can be used with
both device or host mode USB
applications.
To use this configuration an external
power supply must be connected to
J6 connector.
STK
Depends on
STK500 VTG
setting
This configuration allows the STK525
to be used with an STK500 board.
In this mode, the STK525 power
supply is generated and configured
according to the “VTG” parameter of
the STK500 (1).
VCC
Source
Reg 5
Reg 3.3
VBUS 5
STK
VCC
Source
Reg 5
Reg 3.3
VBUS 5
STK
VCC
Source
Reg 5
Reg 3.3
VBUS 5
STK
VCC
Source
Reg 5
Reg 3.3
VBUS 5
STK


Número de pieza similar - STK525

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
   STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
More results

Descripción similar - STK525

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
   AT90CAN128 TQFP device (3 or 5V),
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Guangdong Youtai Semico...
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com