Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK526 Datasheet(PDF) 10 Page - ATMEL Corporation

No. de pieza STK526
Descripción Electrónicos  AT90USB82/162 TQFP device (2.7V
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button STK526 Datasheet HTML 6Page - ATMEL Corporation STK526 Datasheet HTML 7Page - ATMEL Corporation STK526 Datasheet HTML 8Page - ATMEL Corporation STK526 Datasheet HTML 9Page - ATMEL Corporation STK526 Datasheet HTML 10Page - ATMEL Corporation STK526 Datasheet HTML 11Page - ATMEL Corporation STK526 Datasheet HTML 12Page - ATMEL Corporation STK526 Datasheet HTML 13Page - ATMEL Corporation STK526 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Using the STK526
STK526 rev. B Hardware User Guide
2-9
7709B–AVR–07/08
2.2.3
AT90USB82/162 Power Configuration Settings
This section applies to the following part of the power path diagram :
Figure 2-5 . MCU Power Configurations
Once the power source selected, the input of the AT90USB82/162 internal regulator
(UVcc) is powered. Firmware has the responsability to enable or disable the regulator.
Ucap is the output pin of the internal regulator, and Vcc is the core power input of the
MCU. Several cases may be required by the user :
Vsource = 5V, Vcc = 5V: for this mode, the configuration switch (see figure above)
must be in the position labelled “NOREG”. The MCU can still run a USB Device
application if it enables the internal regulator that will power the USB pad and macro.
Vsource = 5V, Vcc = 3.3V: for this mode, the configuration switch must be in the
position labelled “INTREG”. The Vcc pin will be tied to the regulator output, so that
the AT90USB82/162 itself will power itself from its regulator, and the I/O will be at
3V3 level.
Vsource = 3.3V, Vcc = 3.3V: for this mode all the MCU power inputs are at the 3V3
level. The configuration switch must be in the position “NOREG”. In normal operation
it is recommended to tie all the power pins together (UVcc, Vcc, Ucap) and to disable
the regulator. However, the board configuration does not allow to tie together all the
power pins, so that the regulator must be enabled by firmware in order to power the
USB pad and macro (that can lead to some extra-consumption).
Table 2-2 . MCU Power Configuration Jumpers
AT90USBxx2
Vsource
)
Internal
3V3 100mA
Regulator
(1)
(2)
NOREG
INTREG
(3V3 REG)
1µF
“3V3 REG”
Jumper position
AT90USB16 I/O power supply
Comments
View
“NOREG”
Primary power source
This is the default configuration.
“INTREG”
Internal regulator
This configuration is relevant with a
5V primary powered application
requiring I/O levels at 3.3V on the
AT90USB82/162.
3V3 REG
3V3 REG


Número de pieza similar - STK526

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
   STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
More results

Descripción similar - STK526

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
   AT90CAN128 TQFP device (3 or 5V),
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Guangdong Youtai Semico...
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com