Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK526 Datasheet(PDF) 11 Page - ATMEL Corporation

No. de pieza STK526
Descripción Electrónicos  AT90USB82/162 TQFP device (2.7V
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button STK526 Datasheet HTML 7Page - ATMEL Corporation STK526 Datasheet HTML 8Page - ATMEL Corporation STK526 Datasheet HTML 9Page - ATMEL Corporation STK526 Datasheet HTML 10Page - ATMEL Corporation STK526 Datasheet HTML 11Page - ATMEL Corporation STK526 Datasheet HTML 12Page - ATMEL Corporation STK526 Datasheet HTML 13Page - ATMEL Corporation STK526 Datasheet HTML 14Page - ATMEL Corporation STK526 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Using the STK526
2-10
STK526 rev. B Hardware User Guide
7709B–AVR–07/08
2.2.4
“POWER-ON“ LED
The POWER-ON LED is lit whenever power is applied to STK526 regardless of the
power supply source and the voltage settings.
Figure 2-6 . “VCC-ON” LED
2.3
RESET
Although the AT90USB82/162 has its on-chip RESET circuitry (c.f. AT90USB82/162
Datasheet,
section
“System
Control
and
Reset),
the
STK526
provides
the
AT90USB82/162 a RESET signal which can come from 3 different sources:
2.3.1
Power-on RESET
The power supply rise will conduce to an on-chip power-on RESET.
2.3.2
RESET Push Button
By pressing the RESET push button on the STK526, a warm RESET of the
AT90USB82/162 is performed.
Figure 2-7 . RESET Push Button (RST) Implementation
2.3.3
STK500 RESET
See Section 2.7.4, page 18.


Número de pieza similar - STK526

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
   STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
More results

Descripción similar - STK526

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
   AT90CAN128 TQFP device (3 or 5V),
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Guangdong Youtai Semico...
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com