Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL15100 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL15100
Descripción Electrónicos  Single Port, PLC Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL15100 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL15100 Datasheet HTML 1Page - Intersil Corporation ISL15100 Datasheet HTML 2Page - Intersil Corporation ISL15100 Datasheet HTML 3Page - Intersil Corporation ISL15100 Datasheet HTML 4Page - Intersil Corporation ISL15100 Datasheet HTML 5Page - Intersil Corporation ISL15100 Datasheet HTML 6Page - Intersil Corporation ISL15100 Datasheet HTML 7Page - Intersil Corporation ISL15100 Datasheet HTML 8Page - Intersil Corporation ISL15100 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISL15100
2
FN8577.0
September 19, 2013
Connection Diagram
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL15100IRZ
151 00IRZ
-40 to +85
16 Ld QFN
L16.4x4H
ISL15100IRZ-T7 (Note 1)
151 00IRZ
-40 to +85
16 Ld QFN
L16.4x4H
ISL15100IRZ-T13 (Note 1)
151 00IRZ
-40 to +85
16 Ld QFN
L16.4x4H
ISL15100EVAL1Z
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL15100. For more information on MSL please see tech brief TB363.
+12V
+
-
+
-
1:2
INB-
INA-
OUTA
OUTB
INA+
INB+
BIAS
CURRENT
CONTROL
  C0
C1
½ ISL15100
 
+6V
133
500mVp
11.8Vp
INTO
100
½ ISL15100
8.0Vp
3.9
Ω
3.9Ω
PLINE
1k
Ω
1k
Ω
Ω
Txmn
CF = 15.4dB
PLINE = 16dBm
Av = 1 + 2 x 1000
133
= 16(V/V)
140Ω DIFFERENTIAL RECEIVER
PATH LOAD AT TXMN INPUT
Ω
500
Ω
500
FIGURE 3. TYPICAL DIFFERENTIAL AMPLIFIER I/O


Número de pieza similar - ISL15100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100 RENESAS-ISL15100 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15100 RENESAS-ISL15100 Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15100EVAL1Z RENESAS-ISL15100EVAL1Z Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100IRZ RENESAS-ISL15100IRZ Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
More results

Descripción similar - ISL15100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
   PLC MIMO Line Driver
logo
Renesas Technology Corp
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
   PLC MIMO Line Driver
Apr 6, 2018
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com