Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3280EIHZ-T Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL3280EIHZ-T
Descripción Electrónicos  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3280EIHZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL3280EIHZ-T Datasheet HTML 7Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 8Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 9Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 10Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 11Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 12Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 13Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 14Page - Intersil Corporation ISL3280EIHZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
11
FN6543.4
July 27, 2015
Submit Document Feedback
FIGURE 9. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 10. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 11. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 12. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 13. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 14. RECEIVER PROPAGATION DELAY vs TEMPERATURE
Typical Performance Curves C
L = 15pF, TA = +25°C; unless otherwise specified. (Continued)
RECEIVER OUTPUT VOLTAGE (V)
03
4
5
2
1
0
10
20
30
40
50
60
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = VL = 5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
5
10
30
0
0.5
1.0
1.5
2.0
2.5
3.0 3.3
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 3.3V
VOH, +125°C
VOL, +125°C
VOH, +85°C
20
15
25
RECEIVER OUTPUT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 2.5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
2
4
6
8
10
12
14
16
18
20
0
1
8
9
0
0.5
1.0
1.5
1.8
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 1.8V
VOH, +125°C
VOL, +125°C
VOH, +85°C
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.5
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V or 3.3V, VL = 1.5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-15
10
35
60
85
110 125
TEMPERATURE (°C)
VCC = 5V
30
35
40
45
50
55
VL = 2.5V
VL = 1.8V
VL = 1.5V


Número de pieza similar - ISL3280EIHZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ISL3280EIHZ-T IDT-ISL3280EIHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3280EIHZ-T RENESAS-ISL3280EIHZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Descripción similar - ISL3280EIHZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com