Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADNS-7550 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

No. de pieza ADNS-7550
Descripción Electrónicos  Integrated molded lead-frame DIP Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PIXART [Pixart Imaging Inc.]
Página de inicio  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  ADNS-7550_16 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550_16 Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Figure 2. Package outline drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD
Section A-A
4.10
0.161
0.36
0.014
1.69
0.067
2.83
0.111
4.05
0.159
A
A
Optical center
Protective
kapton tape
VCSEL hole
Sensor hole
3.18
0.125
2X
0.50
0.020
0.89
0.035
1.78
0.070
2X 0.50
0.020
0.78
0.031
1.52
0.060
5.05
0.199
10.10
0.398
16X 0.50
0.020
16.20
0.638
10.90
(At shoulder)
0.429
9.10
0.358
10.90
± 0.40 (At lead tip)
0.429
± 0.016
0.20
0.008
0.50
0.020
2.41
0.095
3.96
0.156
Feature For
Illustration Only
Pin 1
9.10
0.358
Notes:
1. Dimensions in milimeter / inches.
2. Dimensional tolerance:
±0.1mm.
3. Coplanarity of lead: 0.1mm
4. Lead pitch tolerance:
±0.15mm.
5. Non-cumulative pitch tolerance:
±0.15mm.
6. Maximum flash:
±0.2mm.
7. Angular tolerance: 3
8. Chamfer (25 x2) on the taper side of the lead.
9. Brackets () indicate reference dimension.
10. Document Number: LSR_INT_16A_Pkg_001
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor


Número de pieza similar - ADNS-7550_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pixart Imaging Inc.
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
   Integrated molded lead-frame DIP Sensor
More results

Descripción similar - ADNS-7550_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 AVAGO-ADNS-7530 Datasheet
493Kb / 36P
   Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
logo
National Semiconductor ...
N18A NSC-N18A Datasheet
28Kb / 1P
   MOLDED DIP, 18 LEAD, .300 CETER
logo
Meder Electronic
DIP MEDER-DIP Datasheet
433Kb / 5P
   Molded DIP
logo
Bourns Electronic Solut...
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
   Thin Film Molded DIP
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com