Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDP600-25Pa Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza SDP600-25Pa
Descripción Electrónicos  Accuracy better than 0.2% FS near zero
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SDP600-25Pa Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDP600-25Pa Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
8/10
8. Instructions for Use
8.1
Soldering instructions
Standard wave soldering systems may be used for
soldering SDP600 series sensors. Reflow soldering is not
feasible and may damage the sensor.
The sensor ports must be protected from solder splash
and flux during soldering. Figure 6 shows an appropriate
temperature profile with maximum temperature values.
Figure 6: Suitable wave soldering profile.
The characteristics of wave soldering machines vary, so
any soldering setup must be tested before production use.
8.2
Sensor handling
The sensors of the SDP600 series are designed to be
robust and vibration resistant. Nevertheless, the accuracy
of the high-precision SDP600 series can be degraded by
rough handling. Sensirion does not guarantee proper
operation in case of improper handling. Note: avoid
applying any mechanical stress to the solder joints of the
sensor during or as a result of PCB assembly.
The sensor ships in an antistatic package to prevent
electrostatic discharge (ESD), which can damage the part.
To avoid such damage, ground yourself using a grounding
strap or by touching a grounded object. Furthermore store
the parts in the antistatic package when not in use.
8.3
Additional attachment
If necessary, the robustness of the sensor attachment to
the PCB can be increased by using a bracket as shown in
Figure 7.
Sensirion recommends using this additional bracket when
the sensor is fitted to a PCB. The bracket must be secured
before the pins are soldered to the PCB, as otherwise
sensor performance may be degraded by mechanical
stress.
Figure 7: Supplementary bracket for the SDP600 series.
8.4
Air flow and tubing
Due to the dynamic measurement principle, a small air
flow is required.
Figure 8:Typical air flow through the SDP600 series sensor.
Note: 1 sccm = 1 cm3/min at 0°C and 1013 mbar
(1 sccm = 0.001 standard liter).
This air flow through the sensor creates a dependence on
the tube length. The error is less than 1% with a tube
length up to 1 m (with 3/16 inch inside diameter).
0
-120
+120
-600
+600
0
Pressure difference (Pa)
200°C
150°C
100°C
50°C
0°C
250°C
Start
Flux zone
Preheat zone
Entrance to solder
Wave
Exit from solder
Wave
Solder Wave Peak
Temp. max. 260°C
Max 145°C
Approx. PCB
bottom-side temp.
PCB top-side
temperature
Approx.
1 min
(Time in wave < 2 s)


Número de pieza similar - SDP600-25Pa

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
More results

Descripción similar - SDP600-25Pa

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
logo
Alpha Wire
PVC-105-24 ALPHAWIRE-PVC-105-24 Datasheet
4Mb / 42P
   Better wire management means better harnesses
logo
Allegro MicroSystems
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
   Two-Wire, True Zero-Speed, High Accuracy
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
A1667 ALLEGRO-A1667 Datasheet
887Kb / 15P
   True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com