Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK206-50X Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK206-50X
Descripción Electrónicos  TOPFET high side switch SMD version of BUK202-50X
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK206-50X Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK206-50X Datasheet HTML 1Page - NXP Semiconductors BUK206-50X Datasheet HTML 2Page - NXP Semiconductors BUK206-50X Datasheet HTML 3Page - NXP Semiconductors BUK206-50X Datasheet HTML 4Page - NXP Semiconductors BUK206-50X Datasheet HTML 5Page - NXP Semiconductors BUK206-50X Datasheet HTML 6Page - NXP Semiconductors BUK206-50X Datasheet HTML 7Page - NXP Semiconductors BUK206-50X Datasheet HTML 8Page - NXP Semiconductors BUK206-50X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK206-50X
SMD version of BUK202-50X
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C; VBG = 13 V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Inductive load turn-off
-V
LG
Negative load voltage
1
V
IG = 0 V; IL = 10 A; tp = 300 µs15
20
25
V
Short circuit load protection
2
V
IG = 5 V; RL ≤ 10 mΩ
t
d sc
Response time
V
IG = 5 V
-
75
-
µs
I
L
Load current prior to turn-off
t < t
d sc
-50
-
A
Overload protection
3
I
L(lim)
Load current limiting
V
BL = 9 V; tp = 300 µs34
45
64
A
SWITCHING CHARACTERISTICS
T
mb = 25 ˚C, VBG = 13 V, for resistive load RL = 13 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
During turn-on
to V
IG = 5 V
t
d on
Delay time
to 10% V
L
-16
-
µs
dV/dt
on
Rate of rise of load voltage
-
0.7
2
V/
µs
t
on
Total switching time
to 90% V
L
-
140
-
µs
During turn-off
to V
IG = 0 V
t
d off
Delay time
to 90% V
L
-40
-
µs
dV/dt
off
Rate of fall of load voltage
-
0.7
2
V/
µs
t
off
Total switching time
to 10% V
L
-70
-
µs
CAPACITANCES
T
mb = 25 ˚C; f = 1 MHz; VIG = 0 V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
ig
Input capacitance
V
BG = 13 V
-
15
20
pF
C
bl
Output capacitance
V
BL = VBG = 13 V
-
500
700
pF
C
sg
Status capacitance
V
SG = 5 V
-
11
15
pF
1 For a high side switch, the load pin voltage goes negative with respect to ground during the turn-off of an inductive load. This negative voltage
is clamped by the device.
2 The load current is self-limited during the response time for short circuit load protection. Response time is measured from when input goes
high.
3 If the load resistance is low, but not a complete short circuit, such that the on-state voltage remains less than V
BL(TO), the device remains in
current limiting until the overtemperature protection operates.
July 1996
5
Rev 1.000


Número de pieza similar - BUK206-50X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK206-50 PHILIPS-BUK206-50 Datasheet
124Kb / 13P
   TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
BUK206-50Y PHILIPS-BUK206-50Y Datasheet
124Kb / 13P
   TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
More results

Descripción similar - BUK206-50X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK206-50Y PHILIPS-BUK206-50Y Datasheet
124Kb / 13P
   TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
BUK207-50X PHILIPS-BUK207-50X Datasheet
125Kb / 13P
   TOPFET high side switch SMD version of BUK203-50X
July 1996 Rev 1.000
BUK204-50X PHILIPS-BUK204-50X Datasheet
132Kb / 13P
   TOPFET high side switch SMD version of BUK200-50X
July 1996 Rev 1.000
BUK205-50X PHILIPS-BUK205-50X Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK201-50X
July 1996 Rev 1.000
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
PIP3213-R PHILIPS-PIP3213-R Datasheet
45Kb / 8P
   TOPFET high side switch SMD version
September 2001 Rev 1.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
   TOPFET high side switch SMD version
October 2001-Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com