Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD215HE Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza SMD215HE
Descripción Electrónicos  High current capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD215HE Datasheet(HTML) 1 Page - Micro Commercial Components

  SMD215HE Datasheet HTML 1Page - Micro Commercial Components SMD215HE Datasheet HTML 2Page - Micro Commercial Components SMD215HE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD22HE
THRU
SMD220HE
Schottky Rectifiers
20
- 200 Volts
Features
High current capability.
Lead Free Finish/RoHS Compliant (Note1)
SMD23HE
S23L
3
0V
21
V
3
0V
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
Revision:
A
20
15/09/17
www.mccsemi.com
1 of 3
Micro Commercial Components
Compliant. See ordering information)
("P"Suffix designates
Guardring for overvoltage protection.
Silicon epitaxial planar chip, metal silicon junction.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
2
Amp
Operating Temperature:SMD22HE~SMD24HE: -55
°C to +125°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 15
°C/W Junction to Lead
SMD25HE~SMD220HE:
-55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2
.0A
See Fig.1
Peak Forward Surge
Current
IFSM
40
A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
IFM = 2.0A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5m
A
TJ = 25
°C
VF
0.50V
0.70V
0.85V
22~24
25~26
28~210
Halogen free available upon request by adding suffix "-HF"
SOD-123HE
A
B
C
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.156
3.55
3.95
B
.100
.112
2.55
2.85
D
.067
.075
1.70
1.90
G
.001
.002
0.02
0.05
D
DIMENSIONS
H
.067
.098
1.70
2.50
F
E
H
J
G
C
.035
.043
0.90
1.10
E
.028
.035
0.70
0.90
F
.004
.008
0.10
0.20
J
.016
.047
0.40
1.20
SMD22HE
S22L
2
0V
14
V
2
0V
SMD24HE
S24L
4
0V
28
V
4
0V
SMD25HE
S25L
5
0V
35
V
5
0V
SMD26HE
S26L
6
0V
42
V
6
0V
SMD28HE
S28L
8
0V
56
V
8
0V
SMD215HE
S215L
150V
105
V
150V
SMD210HE
S210L
100V
70V
100V
SMD220HE
S220L
2
00V
140
V
2
00V
215~220
0.90V
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Micro Commercial Components
M C C
TM


Número de pieza similar - SMD215HE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMD2150PL MCC-SMD2150PL Datasheet
371Kb / 3P
   Schottky Barrier Diodes 150 to 200 Volts
More results

Descripción similar - SMD215HE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com