Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5658RM3T5G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 2SC5658RM3T5G
Descripción Electrónicos  NPN Silicon General Purpose Amplifier Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5658RM3T5G Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5658RM3T5G Datasheet HTML 1Page - ON Semiconductor 2SC5658RM3T5G Datasheet HTML 2Page - ON Semiconductor 2SC5658RM3T5G Datasheet HTML 3Page - ON Semiconductor 2SC5658RM3T5G Datasheet HTML 4Page - ON Semiconductor 2SC5658RM3T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 5
1
Publication Order Number:
2SC5658M3/D
2SC5658M3T5G,
2SC5658RM3T5G
NPN Silicon General
Purpose Amplifier Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SOT-723 package which is
designed for low power surface mount applications, where board
space is at a premium.
Features
Reduces Board Space
High hFE, 210−460 (typical)
Low VCE(sat), < 0.5 V
ESD Performance: Human Body Model; u 2000 V,
Machine Model;
u 200 V
Available in 8 mm, 7−inch/3000 Unit Tape and Reel
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free Devices
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current − Continuous
IC
150
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
260
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−55 ~ + 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
2SC5658M3T5G
SOT−723
(Pb−Free)
8000 / Tape &
Reel
SOT−723
CASE 631AA
MARKING
DIAGRAM
1
2
3
XXM
XX = Specific Device Code
(B9 = 2SC5658M3T5G
RM = 2SC5658RM3T5G)
M
= Date Code
COLLECTOR
3
1
BASE
2
EMITTER
NPN GENERAL
PURPOSE AMPLIFIER
TRANSISTORS
SURFACE MOUNT
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
2SC5658RM3T5G
SOT−723
(Pb−Free)
8000 / Tape &
Reel
NSV2SC5658M3T5G SOT−723
(Pb−Free)
8000 / Tape &
Reel


Número de pieza similar - 2SC5658RM3T5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5658RM3T5G ONSEMI-2SC5658RM3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
More results

Descripción similar - 2SC5658RM3T5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
   NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G Datasheet
336Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com