Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUL45D2G Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza BUL45D2G
Descripción Electrónicos  High Speed, High Gain Bipolar NPN Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button BUL45D2G Datasheet HTML 3Page - ON Semiconductor BUL45D2G Datasheet HTML 4Page - ON Semiconductor BUL45D2G Datasheet HTML 5Page - ON Semiconductor BUL45D2G Datasheet HTML 6Page - ON Semiconductor BUL45D2G Datasheet HTML 7Page - ON Semiconductor BUL45D2G Datasheet HTML 8Page - ON Semiconductor BUL45D2G Datasheet HTML 9Page - ON Semiconductor BUL45D2G Datasheet HTML 10Page - ON Semiconductor BUL45D2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BUL45D2G
www.onsemi.com
8
TYPICAL SWITCHING CHARACTERISTICS
Figure 25. Dynamic Saturation
Voltage Measurements
TIME
Figure 26. Inductive Switching Measurements
10
4
0
8
2
0
TIME
6
8
6
2
4
9
7
5
3
1
13
5
7
VCE
0 V
IB
90% IB
1
ms
3
ms
dyn 1
ms
dyn 3
ms
IB
IC
Vclamp
tsi
tc
tfi
90% IC
10% IC
90% IB1
Figure 27. tfr Measurements
0
10
6
0
VF
IF
28
4
10% Vclamp
VFR (1.1 VF unless
otherwise specified)
VFRM
tfr
VF
0.1 VF
10% IF


Número de pieza similar - BUL45D2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
More results

Descripción similar - BUL45D2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
   High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF DIODES-ZXTN26020DMF_15 Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
logo
Nexperia B.V. All right...
PHPT610035NK NEXPERIA-PHPT610035NK Datasheet
280Kb / 14P
   NPN/NPN high power double bipolar transistor
10 September 2020
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
   High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
logo
Diodes Incorporated
ZXTN07012EFF DIODES-ZXTN07012EFF_16 Datasheet
372Kb / 7P
   12V NPN HIGH GAIN POWER TRANSISTOR
ZXTN19020CFF DIODES-ZXTN19020CFF_16 Datasheet
340Kb / 7P
   20V NPN HIGH GAIN POWER TRANSISTOR
logo
Nexperia B.V. All right...
PHPT610030NK-Q NEXPERIA-PHPT610030NK-Q Datasheet
283Kb / 14P
   NPN/NPN high power double bipolar transistor
10 February 2023
logo
Diodes Incorporated
ZXTN19060CFF DIODES-ZXTN19060CFF Datasheet
377Kb / 7P
   60V NPN HIGH GAIN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com