Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14415DW Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MC14415DW
Descripción Electrónicos  Quad Precision Timer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14415DW Datasheet(HTML) 4 Page - Motorola, Inc

  MC14415DW Datasheet HTML 1Page - Motorola, Inc MC14415DW Datasheet HTML 2Page - Motorola, Inc MC14415DW Datasheet HTML 3Page - Motorola, Inc MC14415DW Datasheet HTML 4Page - Motorola, Inc MC14415DW Datasheet HTML 5Page - Motorola, Inc MC14415DW Datasheet HTML 6Page - Motorola, Inc MC14415DW Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
293
MC14415
Figure 2. Typical Operation Modes and Functional Timing Diagram
Mode 1: OUTPUT SET Initiates Time Delay
Mode 2: Set A Initiates Time Delay
Mode 4: Positive–Edge Strobe (ST2)
Initiates Time Delay
Mode 3: OUTPUT INHIBIT Disables Time Delay
INPUT DISABLE
STROBE 2
STROBE 1
SET A
OUTPUT SET
OUTPUT INHIBIT
CLOCK
OUTPUT A
50%
50%
50%
tPLH
tPHL
MINIMUM COINCIDENCE =
500 ns @ VDD = 4.75 Vdc
100
2
1
INPUT DISABLE
STROBE 2
STROBE 1
SET A
OUTPUT SET
OUTPUT INHIBIT
CLOCK
OUTPUT A
50%
50%
100
2
1
tPLH
tPHL
MINIMUM COINCIDENCE =
500 ns @ VDD = 4.75 Vdc
INPUT DISABLE
STROBE 2
STROBE 1
SET A
OUTPUT SET
OUTPUT INHIBIT
CLOCK
OUTPUT A
tPLH
tPHL
tPLH
tPHL
100
2
1
50%
50%
INPUT DISABLE
STROBE 2
STROBE 1
SET A
OUTPUT SET
CLOCK
OUTPUT A
1
100
50%
50%
MINIMUM COINCIDENCE =
500 ns @ VDD = 4.75 Vdc
tPLH
tPHL
50%


Número de pieza similar - MC14415DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14410 MOTOROLA-MC14410 Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC144105 MOTOROLA-MC144105 Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC144105P MOTOROLA-MC144105P Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC14410L MOTOROLA-MC14410L Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC14410P MOTOROLA-MC14410P Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
More results

Descripción similar - MC14415DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555 Datasheet
135Kb / 8P
   Precision Timer
logo
Diodes Incorporated
NE555S DIODES-NE555S Datasheet
673Kb / 14P
   PRECISION TIMER
Rev. 5 - 2 February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555_15 Datasheet
160Kb / 10P
   Precision Timer
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
   Quad Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com