Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC141543P Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC141543P
Descripción Electrónicos  Advanced Monitor On-Screen Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141543P Datasheet(HTML) 3 Page - Motorola, Inc

  MC141543P Datasheet HTML 1Page - Motorola, Inc MC141543P Datasheet HTML 2Page - Motorola, Inc MC141543P Datasheet HTML 3Page - Motorola, Inc MC141543P Datasheet HTML 4Page - Motorola, Inc MC141543P Datasheet HTML 5Page - Motorola, Inc MC141543P Datasheet HTML 6Page - Motorola, Inc MC141543P Datasheet HTML 7Page - Motorola, Inc MC141543P Datasheet HTML 8Page - Motorola, Inc MC141543P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC141543
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS Voltage Referenced to VSS
Symbol
Characteristic
Value
Unit
VDD
Supply Voltage
– 0.3 to + 7.0
V
Vin
Input Voltage
VSS – 0.3 to
VDD + 0.3
V
Id
Current Drain per Pin Excluding VDD
and VSS
25
mA
Ta
Operating Temperature Range
0 to 85
°C
Tstg
Storage Temperature Range
– 65 to + 150
°C
NOTE: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteris-
tics tables or Pin Description section.
AC ELECTRICAL CHARACTERISTICS (VDD = VDD(A) = 5.0 V, VSS = VSS(A) = 0 V, TA = 25°C, Voltage Referenced to VSS)
Symbol
Characteristic
Min
Typ
Max
Unit
tr
tf
Output Signal (R, G, B, FBKG and HTONE/PWMCK) Cload = 30 pF, see
Figure 1
Rise Time
Fall Time
6
6
ns
ns
FHFLB
HFLB Input Frequency
110
kHz
DC CHARACTERISTICS VDD = VDD(A) = 5.0 V ± 10%, VSS = VSS(A) = 0 V, TA = 25°C, Voltage Referenced to VSS
Symbol
Characteristic
Min
Typ
Max
Unit
VOH
High Level Output Voltage
Iout = – 5 mA
VDD – 0.8
V
VOL
Low Level Output Voltage
Iout = 5 mA
VSS + 0.4
V
VIL
VIH
Digital Input Voltage (Not Including SDA and SCL)
Logic Low
Logic High
0.7 VDD
0.3 VDD
V
V
VIL
VIH
Input Voltage of Pin SDA and SCL in SPI Mode
Logic Low
Logic High
0.7 VDD
0.3 VDD
V
V
VIL
VIH
Input Voltage of Pin SDA and SCL in M_BUS Mode
Logic Low
Logic High
0.7 VDD
0.3 VDD
V
V
III
High–Z Leakage Current (R, G, B and FBKG)
– 10
+ 10
µA
III
Input Current (Not Including RP, VCO, R, G, B, FBKG and
HTONE/PWMCK)
– 10
+ 10
µA
IDD
Supply Current (No Load on Any Output)
+ 15
mA
90%
10%
90%
10%
tf
tr
Figure 1. Switching Characteristics
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid applica-
tions of any voltage higher than the maximum
rated voltages to this high impedance circuit.
For proper operation it is recommended that
Vin and Vout be constrained to the range VSS ≤
(Vin or Vout) ≤ VDD. Unused inputs must always
be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left
open.


Número de pieza similar - MC141543P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141540P4 MOTOROLA-MC141540P4 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
More results

Descripción similar - MC141543P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com