Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145149 Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MC145149
Descripción Electrónicos  Dual PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145149 Datasheet(HTML) 4 Page - Motorola, Inc

  MC145149 Datasheet HTML 1Page - Motorola, Inc MC145149 Datasheet HTML 2Page - Motorola, Inc MC145149 Datasheet HTML 3Page - Motorola, Inc MC145149 Datasheet HTML 4Page - Motorola, Inc MC145149 Datasheet HTML 5Page - Motorola, Inc MC145149 Datasheet HTML 6Page - Motorola, Inc MC145149 Datasheet HTML 7Page - Motorola, Inc MC145149 Datasheet HTML 8Page - Motorola, Inc MC145149 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC145149
MOTOROLA
4
ELECTRICAL CHARACTERISTICS (continued)
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
Cin
Input Capacitance
10
10
10
pF
Cout
Three–State Output Capacitance — PDout
10
10
10
pF
IDD
Quiescent Current
Vin = 0 V or VDD
Iout = 0 µA
3
5
9
800
1200
1600
800
1200
1600
1600
2400
3200
µA
IOZ
Three–State Leakage Current — PDout
Vout = 0 V or 9 V
9
± 0.3
± 0.1
± 3.0
µA
IOZ
Off–State Leakage Current — SW1, SW2
Vout = 9 V
9
0.3
0.1
3.0
µA
SWITCHING CHARACTERISTICS (TA = 25°C, CL = 50 pF)
Symbol
Characteristic
Figure
No.
VDD
V
Min
Max
Unit
tTLH
Output Rise Time, MC1 and MC2
1, 6
3
5
9
115
60
40
ns
tTHL
Output Fall Time, MC1 and MC2
1, 6
3
5
9
60
34
30
ns
tTLH,
tTHL
Output Rise and Fall Time, LD and S/Rout
1, 6
3
5
9
140
80
60
ns
tPLH,
tPHL
Propagation Delay Time, fin to MC1 or MC2
2, 6
3
5
9
125
80
50
ns
tsu
Setup Time, DATA to CLK
3
3
5
9
30
20
18
ns
tsu
Setup Time, CLK to ENB
3
3
5
9
70
32
25
ns
th
Hold Time, CLK to DATA
3
3
5
9
12
12
15
ns
trec
Recovery Time, ENB to CLK
3
3
5
9
5
10
20
ns
tr, tf
Input Rise and Fall Times, Any Input
4
3
5
9
5
2
0.5
µs
tw
Input Pulse Width, ENB and CLK
5
3
5
9
40
35
25
ns


Número de pieza similar - MC145149

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14514 ONSEMI-MC14514 Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
More results

Descripción similar - MC145149

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com