Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4046AM96E4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CD74HC4046AM96E4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 28 page 5 frequency. At this stable point the voltage on C2 remains constant as the PC2 output is in three-state and the VCO input at pin 9 is a high impedance. Also in this condition, the signal at the phase comparator pulse output (PCPOUT) is a HIGH level and so can be used for indicating a locked condition. Thus, for PC2, no phase difference exists between SIGIN and COMPIN over the full frequency range of the VCO. Moreover, the power dissipation due to the low-pass filter is reduced because both p- and n-type drivers are “OFF” for most of the signal input cycle. It should be noted that the PLL lock range for this type of phase comparator is equal to the capture range and is independent of the low-pass filter. With no signal present at SIGIN, the VCO adjusts, via PC2, to its lowest frequency. Phase Comparator 3 (PC3) This is a positive edge-triggered sequential phase detector using an RS-type flip-flop. When the PLL is using this comparator, the loop is controlled by positive signal transitions and the duty factors of SIGIN and COMPIN are not important. The transfer characteristic of PC3, assuming ripple (fr = fi) is suppressed, is: VDEMOUT =(VCC/2p) (fSIGIN - fCOMPIN) where VDEMOUT is the demodulator output at pin 10; VDEMOUT = VPC3OUT (via low-pass filter). The average output from PC3, fed to the VCO via the low- pass filter and seen at the demodulator at pin 10 (VDEMOUT), is the resultant of the phase differences of SIGIN and COMPIN as shown in Figure 6. Typical waveforms for the PC3 loop locked at fo are shown in Figure 7. The phase-to-output response characteristic of PC3 (Figure 6) differs from that of PC2 in that the phase angle between SIGIN and COMPIN varies between 0 o and 360o and is 180o at the center frequency. Also PC3 gives a greater voltage swing than PC2 for input phase differences but as aconsequence the ripple content of the VCO input signal is higher. With no signal present at SIGIN, the VCO adjusts, via PC3, to its highest frequency. The only difference between the HC and HCT versions is the input level specification of the INH input. This input disables the VCO section. The comparator’s sections are identical, so that there is no difference in the SIGIN (pin 14) or COMPIN (pin 3) inputs between the HC and the HCT versions. FIGURE 6. PHASE COMPARATOR 3: AVERAGE OUTPUT VOLTAGE vs INPUT PHASE DIFFERENCE: VDEMOUT = VPC3OUT = (VCC/2π) (φSIGIN - φCOMPIN); φDEMOUT = (φSIGIN - φCOMPIN) VCC VDEMOUT (AV) 1/2 VCC 0 0o 180o φ DEMOUT 360o FIGURE 7. TYPICAL WAVEFORMS FOR PLL USING PHASE COMPARATOR 3, LOOP LOCKED AT fo SIGIN COMPIN VCOOUT PC3OUT VCOIN VCC GND CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A |
Número de pieza similar - CD74HC4046AM96E4 |
|
Descripción similar - CD74HC4046AM96E4 |