Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4046AME4 Datasheet(PDF) 3 Page - Texas Instruments |
|
CD74HC4046AME4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 28 page 3 General Description VCO The VCO requires one external capacitor C1 (between C1A and C1B) and one external resistor R1 (between R1 and GND) or two external resistors R1 and R2 (between R1 and GND, and R2 and GND). Resistor R1 and capacitor C1 determine the frequency range of the VCO. Resistor R2 enables the VCO to have a frequency offset if required. See logic diagram, Figure 1. The high input impedance of the VCO simplifies the design of low-pass filters by giving the designer a wide choice of resistor/capacitor ranges. In order not to load the low-pass filter, a demodulator output of the VCO input voltage is provided at pin 10 (DEMOUT). In contrast to conventional techniques where the DEMOUT voltage is one threshold voltage lower than the VCO input voltage, here the DEMOUT voltage equals that of the VCO input. If DEMOUT is used, a load resistor (RS) should be connected from DEMOUT to GND; if unused, DEMOUT should be left open. The VCO output (VCOOUT) can be connected directly to the comparator input (COMPIN), or connected via a frequency- divider. The VCO output signal has a specified duty factor of 50%. A LOW level at the inhibit input (INH) enables the VCO and demodulator, while a HIGH level turns both off to minimize standby power consumption. Phase Comparators The signal input (SIGIN) can be directly coupled to the self- biasing amplifier at pin 14, provided that the signal swing is between the standard HC family input logic levels. Capacitive coupling is required for signals with smaller swings. Phase Comparator 1 (PC1) This is an Exclusive-OR network. The signal and comparator input frequencies (fi) must have a 50% duty factor to obtain the maximum locking range. The transfer characteristic of PC1, assuming ripple (fr = 2fi) is suppressed, is: VDEMOUT =(VCC/π)(φSIGIN - φCOMPIN) where VDEMOUT is the demodulator output at pin 10; VDEMOUT =VPC1OUT (via low-pass filter). The average output voltage from PC1, fed to the VCO input via the low-pass filter and seen at the demodulator output at pin 10 (VDEMOUT), is the resultant of the phase differences of signals (SIGIN) and the comparator input (COMPIN)as shown in Figure 2. The average of VDEM is equal to 1/2 VCC when there is no signal or noise at SIGIN, and with this input the VCO oscillates at the center frequency (fo). Typical waveforms for the PC1 loop locked at fo are shown in Figure 3. FIGURE 1. LOGIC DIAGRAM DEMOUT R2 12 R1 R5 11 10 C1 R3 C2 PC2OUT 13 p n GND VCC PCPOUT 1 15 2 PC3OUT PC1OUT DOWN RD Q Q D CP RD Q Q D CP UP VCC RD Q Q SD INH 59 VCOIN VCO - + COMPIN - + SIGIN C1B C1A VREF R2 R1 67 4 3 14 - CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A |
Número de pieza similar - CD74HC4046AME4 |
|
Descripción similar - CD74HC4046AME4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |