Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744912168 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744912168
Descripción Electrónicos  WE-CAIR Air coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744912168 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744912168 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912168 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912168 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912168 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912168 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744912168 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.2
1.1
1.0
REV
2014-10-27
2014-09-11
2014-03-24
DATE
SSt
SSt
SSt
BY
HBH
HBH
HBH
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CAIR Air coil
Order.- No.
744912168
SIZE
A4
Size: 4248
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
•Strong forces might have the effect to damage the coplanarity of the electrical connection (pins), will restrain the soldering and void the
warranty.
•Please notice that the recommended thickness of the soldering paste is 120 µm.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-CAIR
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744912168

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744912168G WURTH-744912168G Datasheet
612Kb / 6P
   WE-CAIR Air coil
002.000
More results

Descripción similar - 744912168

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744912139 WURTH-744912139 Datasheet
1Mb / 6P
   WE-CAIR Air coil
744911112 WURTH-744911112 Datasheet
1,001Kb / 6P
   WE-CAIR Air coil
744913080 WURTH-744913080 Datasheet
1Mb / 6P
   WE-CAIR Air coil
744912156G WURTH-744912156G Datasheet
613Kb / 6P
   WE-CAIR Air coil
002.000
744913118G WURTH-744913118G Datasheet
629Kb / 6P
   WE-CAIR Air coil
002.000
744914117G WURTH-744914117G Datasheet
646Kb / 6P
   WE-CAIR Air coil
002.000
744918242 WURTH-744918242 Datasheet
658Kb / 6P
   WE-CAIR Air coil
002.000
744914122G WURTH-744914122G Datasheet
647Kb / 6P
   WE-CAIR Air coil
002.000
744910025 WURTH-744910025 Datasheet
952Kb / 6P
   WE-CAIR Air coil
744914143 WURTH-744914143 Datasheet
1Mb / 6P
   WE-CAIR Air coil
744912139G WURTH-744912139G Datasheet
613Kb / 6P
   WE-CAIR Air coil
002.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com