Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3850-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3850-Q1
Descripción Electrónicos  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3850-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3850-Q1 Datasheet HTML 1Page - Texas Instruments TPS3850-Q1 Datasheet HTML 2Page - Texas Instruments TPS3850-Q1 Datasheet HTML 3Page - Texas Instruments TPS3850-Q1 Datasheet HTML 4Page - Texas Instruments TPS3850-Q1 Datasheet HTML 5Page - Texas Instruments TPS3850-Q1 Datasheet HTML 6Page - Texas Instruments TPS3850-Q1 Datasheet HTML 7Page - Texas Instruments TPS3850-Q1 Datasheet HTML 8Page - Texas Instruments TPS3850-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TPS3850-Q1
SBVS264 – JANUARY 2017
www.ti.com
Product Folder Links: TPS3850-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VDD + 0.3 V or 7.0 V, whichever is smaller.
(3)
TJ = TA as a result of the low dissipated power in this device.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
7
V
Output voltage
RESET, WDO
–0.3
7
V
Voltage ranges
SET0, SET1, WDI, SENSE
–0.3
7
V
CWD, CRST
–0.3
VDD + 0.3(2)
Output pin current
RESET, WDO
±20
mA
Input current (all pins)
±20
mA
Continuous total power dissipation
See Thermal Information
Temperature
Operating junction, TJ
(3)
–40
150
°C
Operating free-air, TA
(3)
–40
150
Storage, Tstg
–65
150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
Using a CCRST capacitor of 0.1 nF or 1000 nF gives a reset delay of 703 µs or 3.22 seconds, respectively.
(2)
Using a CCWD capacitor of 0.1 nF or 1000 nF gives a tWDU(typ) of 62.74 ms or 77.45 seconds, respectively.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply pin voltage
1.6
6.5
V
VSENSE
Input pin voltage
0
6.5
V
VSET0
SET0 pin voltage
0
6.5
V
VSET1
SET1 pin voltage
0
6.5
V
CCRST
RESET delay capacitor
0.1(1)
1000(1)
nF
CRST
Pullup resistor to VDD
9
10
11
CCWD
Watchdog timing capacitor
0.1(2)
1000(2)
nF
CWD
Pullup resistor to VDD
9
10
11
RPU
Pullup resistor, RESET and WDO
1
10
100
IRST
RESET pin current
10
mA
IWDO
Watchdog output current
10
mA
TJ
Junction temperature
–40
125
°C


Número de pieza similar - TPS3850-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCR TI1-TPS3850G12DRCR Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCR TI1-TPS3850G12DRCR Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCT TI1-TPS3850G12DRCT Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results

Descripción similar - TPS3850-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com