Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8220 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8220
Descripción Electrónicos  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8220 Datasheet(HTML) 5 Page - Analog Devices

  AD8220_16 Datasheet HTML 1Page - Analog Devices AD8220_16 Datasheet HTML 2Page - Analog Devices AD8220_16 Datasheet HTML 3Page - Analog Devices AD8220_16 Datasheet HTML 4Page - Analog Devices AD8220_16 Datasheet HTML 5Page - Analog Devices AD8220_16 Datasheet HTML 6Page - Analog Devices AD8220_16 Datasheet HTML 7Page - Analog Devices AD8220_16 Datasheet HTML 8Page - Analog Devices AD8220_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD8220
Rev. B | Page 4 of 28
A Grade
B Grade
W Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Settling Time 0.01%
10 V step, TA
G = 1
5
5
5
μs
G = 10
4.3
4.3
4.3
μs
G = 100
8.1
8.1
8.1
μs
G = 1000
58
58
58
μs
Settling Time 0.001%
10 V step, TA
G = 1
6
6
6
μs
G = 10
4.6
4.6
4.6
μs
G = 100
9.6
9.6
9.6
μs
G = 1000
74
74
74
μs
Slew Rate
G = 1 to 100
TA
2
2
2
V/μs
GAIN
G = 1 + (49.4 kΩ/RG),
TA for A, B grades,
TOPR for W grade
Gain Range
1
1000
1
1000
1
1000
V/V
Gain Error
VOUT = ±10 V
G = 1
−0.06
+0.06
−0.04
+0.04
−0.1
+0.1
%
G = 10
−0.3
+0.3
−0.2
+0.2
−0.8
+0.8
%
G = 100
−0.3
+0.3
−0.2
+0.2
−0.8
+0.8
%
G = 1000
−0.3
+0.3
−0.2
+0.2
−0.8
+0.8
%
Gain Nonlinearity
VOUT =
−10 V to +10 V, TA
G = 1
RL = 10 kΩ
10
15
10
15
10
15
ppm
G = 10
RL = 10 kΩ
5
10
5
10
5
10
ppm
G = 100
RL = 10 kΩ
30
60
30
60
30
60
ppm
G = 1000
RL = 10 kΩ
400
500
400
500
400
500
ppm
G = 1
RL = 2 kΩ
10
15
10
15
10
15
ppm
G = 10
RL = 2 kΩ
10
15
10
15
10
15
ppm
G = 100
RL = 2 kΩ
50
75
50
75
50
75
ppm
Gain vs. Temperature
G = 1
3
10
2
5
3
10
ppm/°C
G > 10
−50
−50
−50
ppm/°C
INPUT
Impedance (Pin to
Ground)2
TA
104||5
104||5
104||5
GΩ||pF
Input Operating Voltage
Range3
VS = ±2.25 V to ±18 V
for dual supplies
−VS
0.1
+VS
2
−VS
0.1
+VS
2
−VS
0.1
+VS − 2
V
Over Temperature
TOPR
−VS
0.1
+VS
2.1
−VS
0.1
+VS
2.1
−VS
0.1
+VS
2.2
V
OUTPUT
Output Swing
RL = 10 kΩ, TA
−14.7
+14.7
−14.7
+14.7
−14.7
+14.7
V
Over Temperature
TOPR
−14.6
+14.6
−14.6
+14.6
−14.3
+14.3
V
Short-Circuit Current
TA
15
15
15
mA
REFERENCE INPUT
TA
RIN
40
40
40
μA
IIN
VIN+, VIN− = 0 V
70
70
70
V
Voltage Range
−VS
+VS
−VS
+VS
+VS
V/V
Gain to Output
TA
1 ±
0.0001
1 ±
0.0001
1 ±
0.0001
V/V


Número de pieza similar - AD8220_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
More results

Descripción similar - AD8220_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
   Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com