Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8557ACPZ-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8557ACPZ-REEL
Descripción Electrónicos  Digitally Programmable Sensor Signal Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8557ACPZ-REEL Datasheet HTML 5Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 12Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8557
Data Sheet
Rev. D | Page 8 of 24
TCVOS (nV/°C)
0
5
10
15
20
25
05
30
35
10 15 20 25 30 35 40 45 50 55 60 65
Figure 10. TCVOS at VSY = 2.7 V, −40°C ≤ TA ≤ +125°C
TEMPERATURE (°C)
12
14
16
18
25
50
0
25
50
20
75
100
125
150
175
IB 5V
+IB 5V
Figure 11. Input Bias Current at VPOS, VNEG vs. Temperature,
VSY = 5 V, 2.7 V
100
0.1
05
COMMON-MODE VOLTAGE (V)
123
4
1
10
Figure 12. Input Bias Current at VPOS, VNEG
vs. Common-Mode Voltage, TA = 25°C
0.5
0.3
0.1
–0.1
–0.3
–0.5
–50
–25
0
25
50
75
100
125
150
175
TEMPERATURE (°C)
Figure 13. Input Offset Current vs. Temperature
3.0
0
05
DIGITAL INPUT VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
123
4
+25°C
+125°C
–40°C
VSY = 5V
Figure 14. Digital Input Current vs. Digital Input Voltage (Pin 4)
1000
10
05
VCLAMP VOLTAGE (V)
123
4
100
+25°C
+125°C
–40°C
VSY = 5V
Figure 15. VCLAMP Current over Temperature at VSY = 5 V
vs. VCLAMP Voltage


Número de pieza similar - AD8557ACPZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
More results

Descripción similar - AD8557ACPZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com