Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM385BSTR Datasheet(PDF) 4 Page - Analog Intergrations Corporation

No. de pieza LM385BSTR
Descripción Electrónicos  Adjustable Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385BSTR Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  LM385BSTR Datasheet HTML 1Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 2Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 3Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 4Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 5Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 6Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM385/LM385B
4
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 3 Temperature Drift of 3 Representative Units
Temperature (°C)
1.21
1.23
1.25
1.27
125
IR=100µA
50
100
-50
0
Fig. 4 Reverse Characteristics
Reverse Current (mA)
0.01
0.1
1
10
100
0
1
2
3
4
5
TA= -55°C
TA= 80°C
TA= 25°C
Output Voltage (V)
Fig. 5 Minimum Operating Current
1
2
3
4
5
6
0
20
40
60
80
Fig. 6 Feedback Current
Temperature ( °C)
0
20
40
60
80
100
120
-20
0
2
4
6
8
10
VOUT=VREF
VOUT=5.3V
IR=100µA
Time (µS)
Fig. 7 Response Time
0
50
100
150
200
250
-50
0
1
2
3
4
5
10
0
Output
120K
364K
-
+
VOUT
50K
Input
Input
Fig. 8 Output Noise Voltage (nV / Hz )
10K
Frequency (Hz)
10
100
1K
10K
100K
10
100
1K
V OUT= VREF
IR=100µA
V OUT=5.3V


Número de pieza similar - LM385BSTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LM385BS8-1.2 LINER-LM385BS8-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM385BS8-2.5 LINER-LM385BS8-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
More results

Descripción similar - LM385BSTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com