Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA1-80 Datasheet(PDF) 1 Page - American Electronic Components, inc

No. de pieza SDA1-80
Descripción Electrónicos  LED control input indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AEC [American Electronic Components, inc]
Página de inicio  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

SDA1-80 Datasheet(HTML) 1 Page - American Electronic Components, inc

  SDA1-80 Datasheet HTML 1Page - American Electronic Components, inc SDA1-80 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552 +1 574-293-8013
Ref:SDA 1 60 80 111816FEW
Specifications are subject to change without notice. E&OE.
SDA1 - 60 - 80
DIN rail 60A & 80A solid-state relays
Output (load)
Load type
SPST-NO (1 N/O) Resistive
Load current
60A, 80A
Load switching voltage
AC V
rms
40 - 480V
Maximum peak voltage
AC V
pk
900V
Minimum load current
0.1A
Inrush Current (max.)
10ms 60A: 650A / 80A: 900A
I2t
60A: 2100A2s / 80A: 4050A2s
Switch type
Zero Cross (Consult factory for Random)
On voltage drop
V AC 1.6V
Leakage current off
mA ≤ 10mA
Input (control)
Control voltage (rated)
V DC Control: 4 - 32VDC / AC Control: 90 - 250VAC
Control current
mA < 20mA
Turn-on voltage (min)
V
min
DC Control: 3.5VDC / AC Control: 80VAC
Turn-on voltage (max)
V
max
DC Control: 35VDC / AC Control: 280VAC
Turn-off voltage
V DC Control: 2VDC / AC Control: 40VAC
Insulation
Insulation resistance
≤ 500MΩ at 500VDC, 50%RH
Dielectric strength
V AC ≥ 2500V
General Data
Operating time (typical)
mS Approximately 1/2 cycle of load frequency + ≤1ms
Release time (typical)
mS Approximately 1/2 cycle of load frequency + ≤1ms
Dimensions
L x W x H 100 x 110 x 127mm
Weight
approx. 940g
Ambient temperature
storage -30 to 100°C (No icing or condensation)
operating -30 to 80°C (with derating). (No icing or condensation)
Relative Humidity
45 - 85% RH
● High load voltage - up to 480VAC
● 4 ~ 32VDC or 90 ~ 250VAC control voltage
● Single Phase, Zero cross-over switching
● LED control input indicator
● Integrated heatsink
● RoHS Compliant
E325835


Número de pieza similar - SDA1-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Electronic Com...
SDA1-80 AEC-SDA1-80 Datasheet
274Kb / 2P
   LED control input indicator
More results

Descripción similar - SDA1-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Electronic Com...
SDA3-40 AEC-SDA3-40 Datasheet
321Kb / 2P
   LED control input indicator
SDB1-80 AEC-SDB1-80 Datasheet
277Kb / 2P
   LED control input indicator
SDA1-80 AEC-SDA1-80 Datasheet
274Kb / 2P
   LED control input indicator
SDA3-15 AEC-SDA3-15 Datasheet
369Kb / 2P
   LED control input indicator
SDA1-10 AEC-SDA1-10 Datasheet
250Kb / 2P
   LED control input indicator
SDA1-20 AEC-SDA1-20 Datasheet
278Kb / 2P
   LED control input indicator
SDA1-25 AEC-SDA1-25 Datasheet
278Kb / 2P
   LED control input indicator
SDB1-60 AEC-SDB1-60 Datasheet
277Kb / 2P
   LED control input indicator
SDA3-10 AEC-SDA3-10 Datasheet
369Kb / 2P
   LED control input indicator
SDA1-15 AEC-SDA1-15 Datasheet
250Kb / 2P
   LED control input indicator
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com