Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8390A Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8390A
Descripción Electrónicos  Low Power, High Output Current Differential Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8390A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8390A_16 Datasheet HTML 5Page - Analog Devices AD8390A_16 Datasheet HTML 6Page - Analog Devices AD8390A_16 Datasheet HTML 7Page - Analog Devices AD8390A_16 Datasheet HTML 8Page - Analog Devices AD8390A_16 Datasheet HTML 9Page - Analog Devices AD8390A_16 Datasheet HTML 10Page - Analog Devices AD8390A_16 Datasheet HTML 11Page - Analog Devices AD8390A_16 Datasheet HTML 12Page - Analog Devices AD8390A_16 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
AD8390A
Rev. C | Page 9 of 12
THEORY OF OPERATION
56kΩ
56kΩ
VCC
VCC
VCOM
OUTP
AD8390A
OUTN
INP
INN
VEE
VEE
C
A
B
56kΩ
56kΩ
Figure 15. Functional Block Diagram
The AD8390A is a true differential amplifier with common-
mode feedback. The AD8390A is functionally equivalent to three
amplifiers, as shown in Figure 15. Amplifier A and Amplifier B
form a standard dual amplifier in an inverting configuration.
Amplifier C maintains the common-mode voltage VCOM at
the output.
With VCOM left unconnected, the outputs are internally biased
to midsupply. VCOM can be driven externally to set the dc
output common-mode voltage.
RF
OUTN
OUTP
INP
INN
RG
VCOM
RG
RL, DM VOUT, DM
+
VIN, DM
+
RF
Figure 16. Basic Application Circuit
The high open-loop gain of the AD8390A and the negative
feedback minimize the differential and common-mode error
voltages.
With the differential and common-mode error voltages assumed
to be 0, the differential-mode gain and input impedance of the
basic application circuit shown in Figure 16 are as follows:
G
F
DM
IN
DM
OUT
R
R
V
V
,
,
G
DM
IN
R
R
 2
,


Número de pieza similar - AD8390A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-RL AD-AD8390AACPZ-RL Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390ACP-EVAL AD-AD8390ACP-EVAL Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390ACP-R2 AD-AD8390ACP-R2 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
More results

Descripción similar - AD8390A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
   High Output Current Differential Driver
REV. C
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com