Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9371 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9371
Descripción Electrónicos  Dual differential transmitters
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9371 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9371 Datasheet HTML 4Page - Analog Devices AD9371 Datasheet HTML 5Page - Analog Devices AD9371 Datasheet HTML 6Page - Analog Devices AD9371 Datasheet HTML 7Page - Analog Devices AD9371 Datasheet HTML 8Page - Analog Devices AD9371 Datasheet HTML 9Page - Analog Devices AD9371 Datasheet HTML 10Page - Analog Devices AD9371 Datasheet HTML 11Page - Analog Devices AD9371 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 8 of 60
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE CLOCK (DEV_CLK_IN
SIGNAL)
Frequency Range
10
320
MHz
Signal Level
0.3
2.0
V p-p
AC-coupled, common-mode
voltage (VCM) = 618 mV; for
best spurious performance,
use a <1 V p-p input clock
AUXILIARY CONVERTERS
ADC
ADC Resolution
12
Bits
Input Voltage
Minimum
0.25
V
Maximum
3.05
V
DAC
DAC Resolution
10
Bits
Includes four offset levels
Output Voltage
Minimum
0.5
V
Reference voltage (VREF) = 1 V
Maximum
3.0
V
VREF = 2.5 V
Drive Capability
10
mA
DIGITAL SPECIFICATIONS (CMOS),
GPIO_x, RX1_ENABLE,
RX2_ENABLE, TX1_ENABLE, TX2
ENABLE, SYNCINBx+,
SYNCOUTB0+, GP_INTERRUPT,
SDIO, SDO, SCLK, CSB, RESET
Logic Inputs
Input Voltage
High Level
VDD_IF ×
0.8
VDD_IF
V
Low Level
0
VDD_IF ×
0.2
V
Input Current
High Level
−10
+10
µA
Low Level
−10
+10
µA
Logic Outputs
Output Voltage
High Level
VDD_IF ×
0.8
V
Low Level
VDD_IF ×
0.2
V
Drive Capability
3
mA
DIGITAL SPECIFICATIONS (LVDS),
SYSREF_INx, SYNCOUTB0±,
SYNCINBx PAIRS
Logic Inputs
Input Voltage Range
825
1675
mV
Each differential input in the
pair
Input Differential Voltage
Threshold
−100
+100
mV
Receiver Differential Input
Impedance
100
Ω
Internal termination enabled


Número de pieza similar - AD9371

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9371 AD-AD9371 Datasheet
1Mb / 57P
   Integrated, Dual RF Transceiver with Observation Path
Rev. B
AD9371BBCZ AD-AD9371BBCZ Datasheet
1Mb / 57P
   Integrated, Dual RF Transceiver with Observation Path
Rev. B
AD9371BBCZ-REEL AD-AD9371BBCZ-REEL Datasheet
1Mb / 57P
   Integrated, Dual RF Transceiver with Observation Path
Rev. B
AD9371 AD-AD9371_V01 Datasheet
1Mb / 57P
   Integrated, Dual RF Transceiver with Observation Path
Rev. B
More results

Descripción similar - AD9371

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Maxim Integrated Produc...
MAX2366 MAXIM-MAX2366 Datasheet
270Kb / 22P
   Complete Dual-Band Quadrature Transmitters
Rev 0; 7/00
MAX2360 MAXIM-MAX2360 Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
logo
Analog Devices
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
   Integrated Dual RF Transmitters and Observation Receiver
logo
Omega Engineering, Inc.
DM12CAB OMEGA-DM12CAB Datasheet
172Kb / 1P
   Dual M12 Cables for Sensors and Transmitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com