Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL345-EP Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADXL345-EP
Descripción Electrónicos  ADXL345-EP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL345-EP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL345-EP Datasheet HTML 4Page - Analog Devices ADXL345-EP Datasheet HTML 5Page - Analog Devices ADXL345-EP Datasheet HTML 6Page - Analog Devices ADXL345-EP Datasheet HTML 7Page - Analog Devices ADXL345-EP Datasheet HTML 8Page - Analog Devices ADXL345-EP Datasheet HTML 9Page - Analog Devices ADXL345-EP Datasheet HTML 10Page - Analog Devices ADXL345-EP Datasheet HTML 11Page - Analog Devices ADXL345-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Enhanced Product
ADXL345-EP
Rev. B | Page 9 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
END VIEW
SEATING
PLANE
1.00
0.95
0.85
5.00
BSC
3.00
BSC
PAD A1
CORNER
0.79
0.74
0.69
1
6
7
8
14
13
0.80
BSC
1.01
1.50
0.49
0.50
0.49
0.813 × 0.50
Figure 12. 14-Terminal Land Grid Array [LGA]
(CC-14-1)
Solder Terminations Finish Is Au over Ni
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Measurement
Range (g)
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
ADXL345TCCZ-EP
±2, ±4, ±8, ±16
2.5
−55°C to +105°C
14-Terminal Land Grid Array [LGA]
CC-14-1
ADXL345TCCZ-EP-RL7
±2, ±4, ±8, ±16
2.5
−55°C to +105°C
14-Terminal Land Grid Array [LGA]
CC-14-1
ADXL345TCCZ-EP-RL
±2, ±4, ±8, ±16
2.5
−55°C to +105°C
14-Terminal Land Grid Array [LGA]
CC-14-1
1
Z = RoHS Compliant Part.


Número de pieza similar - ADXL345-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL345 AD-ADXL345 Datasheet
311Kb / 24P
   Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
   ADXL345 Quickstart Guide
2/12/2015
logo
Analog Devices
ADXL345BCCZ AD-ADXL345BCCZ Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL1 AD-ADXL345BCCZ-RL1 Datasheet
311Kb / 24P
   Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
More results

Descripción similar - ADXL345-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
   ADXL345 Quickstart Guide
2/12/2015
logo
YUXIANG Magnetc materia...
EP7 YUXIANG-EP7 Datasheet
105Kb / 2P
   EP Core
logo
Fair-Rite Products Corp...
6578070121 FAIR-RITE-6578070121 Datasheet
513Kb / 1P
   EP Cores
6578200121 FAIR-RITE-6578200121 Datasheet
514Kb / 1P
   EP Cores
6595100121 FAIR-RITE-6595100121 Datasheet
513Kb / 1P
   EP Cores
6595130121 FAIR-RITE-6595130121 Datasheet
512Kb / 1P
   EP Cores
6578170121 FAIR-RITE-6578170121 Datasheet
513Kb / 1P
   EP Cores
6598100121 FAIR-RITE-6598100121 Datasheet
513Kb / 1P
   EP Cores
6578130121 FAIR-RITE-6578130121 Datasheet
514Kb / 1P
   EP Cores
6595070121 FAIR-RITE-6595070121 Datasheet
513Kb / 1P
   EP Cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com