Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-BF706BCPZ-4 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADSP-BF706BCPZ-4
Descripción Electrónicos  Instruction set compatible with previous Blackfin products
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF706BCPZ-4 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-BF706BCPZ-4 Datasheet HTML 5Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 6Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 7Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 8Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 9Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 10Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 11Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 12Page - Analog Devices ADSP-BF706BCPZ-4 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Rev. A
|
Page 9 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
system event or fault if enabled. ECC protection is fully trans-
parent to the user, even if L2 memory is read or written by 8-bit
or 16-bit entities.
CRC-Protected Memories
While parity bit and ECC protection mainly protect against ran-
dom soft errors in L1 and L2 memory cells, the CRC engines can
be used to protect against systematic errors (pointer errors) and
static content (instruction code) of L1, L2, and even L3 memo-
ries (DDR2, LPDDR). The processor features two CRC engines
which are embedded in the memory-to-memory DMA
controllers. CRC checksums can be calculated or compared on
the fly during memory transfers, or one or multiple memory
regions can be continuously scrubbed by a single DMA work
unit as per DMA descriptor chain instructions. The CRC engine
also protects data loaded during the boot process.
Memory Protection
The Blackfin+ core features a memory protection concept,
which grants data and/or instruction accesses to enabled mem-
ory regions only. A supervisor mode vs. user mode
programming model supports dynamically varying access
rights. Increased flexibility in memory page size options sup-
ports a simple method of static memory partitioning.
System Protection
The system protection unit (SPU) guards against accidental or
unwanted access to the MMR space of a peripheral by providing
a write-protection mechanism. The user is able to choose and
configure the peripherals that are protected as well as configure
which ones of the four system MMR masters (core, memory
DMA, the SPI host port, and Coresight debug) the peripherals
are guarded against.
The SPU is also part of the security infrastructure. Along with
providing write-protection functionality, the SPU is employed
to define which resources in the system are secure or non-secure
and to block access to secure resources from non-secure
masters.
Synonymously, the system memory protection unit (SMPU)
provides memory protection against read and/or write transac-
tions to defined regions of memory. There are two SMPU units
in the ADSP-BF70x processors. One is for the L2 memory and
the other is for the external DDR memory.
The SMPU is also part of the security infrastructure. It allows
the user to not only protect against arbitrary read and/or write
transactions, but it also allows regions of memory to be defined
as secure and prevent non-secure masters from accessing those
memory regions.
Watchpoint Protection
The primary purpose of watchpoints and hardware breakpoints
is to serve emulator needs. When enabled, they signal an emula-
tor event whenever user-defined system resources are accessed
or the core executes from user-defined addresses. Watchpoint
events can be configured such that they signal the events to the
fault management unit of the SEC.
Watchdog
The on-chip software watchdog timer can supervise the
Blackfin+ core.
Bandwidth Monitor
Memory-to-memory DMA channels are equipped with a band-
width monitor mechanism. They can signal a system event or
fault when transactions tend to starve because system buses are
fully loaded with higher-priority traffic.
Signal Watchdogs
The eight general-purpose timers feature modes to monitor off-
chip signals. The watchdog period mode monitors whether
external signals toggle with a period within an expected range.
The watchdog width mode monitors whether the pulse widths
of external signals are within an expected range. Both modes
help to detect undesired toggling (or lack thereof) of 
system-level signals.
Up/Down Count Mismatch Detection
The GP counter can monitor external signal pairs, such as
request/grant strobes. If the edge count mismatch exceeds the
expected range, the GP counter can flag this to the processor or
to the fault management unit of the SEC.
Fault Management
The fault management unit is part of the system event controller
(SEC). Any system event, whether a dual-bit uncorrectable ECC
error, or any peripheral status interrupt, can be defined as being
a fault. Additionally, the system events can be defined as an
interrupt to the core. If defined as such, the SEC forwards the
event to the fault management unit, which may automatically
reset the entire device for reboot, or simply toggle the 
SYS_FAULT output pin to signal off-chip hardware. Optionally,
the fault management unit can delay the action taken through a
keyed sequence, to provide a final chance for the Blackfin+ core
to resolve the issue and to prevent the fault action from being
taken.
ADDITIONAL PROCESSOR PERIPHERALS
The processor contains a rich set of peripherals connected to the
core through several high-bandwidth buses, providing flexibility
in system configuration as well as excellent overall system per-
formance (see the block diagram on Page 1). The processor
contains high-speed serial and parallel ports, an interrupt con-
troller for flexible management of interrupts from the on-chip
peripherals or external sources, and power management control
functions to tailor the performance and power characteristics of
the processor and system to many application scenarios.
The following sections describe additional peripherals that were
not previously described.
Timers
The processor includes several timers which are described in the
following sections.


Número de pieza similar - ADSP-BF706BCPZ-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF504 AD-ADSP-BF504 Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF504F AD-ADSP-BF504F Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF506F AD-ADSP-BF506F Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
ADSP-BF506F AD-ADSP-BF506F Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF512 AD-ADSP-BF512 Datasheet
1Mb / 62P
   Blackfin Embedded Processor
Rev. PrE
More results

Descripción similar - ADSP-BF706BCPZ-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com